Electronic Components Datasheet Search
  English  ▼

X  

ISO7740 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7740
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7740 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7740 Datasheet HTML 17Page - Texas Instruments ISO7740 Datasheet HTML 18Page - Texas Instruments ISO7740 Datasheet HTML 19Page - Texas Instruments ISO7740 Datasheet HTML 20Page - Texas Instruments ISO7740 Datasheet HTML 21Page - Texas Instruments ISO7740 Datasheet HTML 22Page - Texas Instruments ISO7740 Datasheet HTML 23Page - Texas Instruments ISO7740 Datasheet HTML 24Page - Texas Instruments ISO7740 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Data Rate (Mbps)
0
25
50
75
100
0
2
4
6
8
10
12
14
16
D009
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
Data Rate (Mbps)
0
25
50
75
100
0
1
2
3
4
5
6
7
8
D010
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
Data Rate (Mbps)
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
D007
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
Data Rate (Mbps)
0
25
50
75
100
0
1
2
3
4
5
6
7
8
9
D008
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
Data Rate (Mbps)
0
25
50
75
100
0
5
10
15
20
25
D005
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
Data Rate (Mbps)
0
25
50
75
100
0
1
2
3
4
5
6
7
8
9
D006
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
21
ISO7740, ISO7741, ISO7742
www.ti.com
SLLSEP4G – MARCH 2016 – REVISED FEBRUARY 2020
Product Folder Links: ISO7740 ISO7741 ISO7742
Submit Documentation Feedback
Copyright © 2016–2020, Texas Instruments Incorporated
7.19 Typical Characteristics
TA = 25°C
CL = 15 pF
Figure 5. ISO7740 Supply Current vs Data Rate
(With 15-pF Load)
TA = 25°C
CL = No Load
Figure 6. ISO7740 Supply Current vs Data Rate
(With No Load)
TA = 25°C
CL = 15 pF
Figure 7. ISO7741 Supply Current vs Data Rate
(With 15-pF Load)
TA = 25°C
CL = No Load
Figure 8. ISO7741 Supply Current vs Data Rate
(With No Load)
TA = 25°C
CL = 15 pF
Figure 9. ISO7742 Supply Current vs Data Rate
(With 15-pF Load)
TA = 25°C
CL = No Load
Figure 10. ISO7742 Supply Current vs Data Rate
(With No Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com