Electronic Components Datasheet Search
  English  ▼

X  

LM317EMP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM317EMP
Description  LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317EMP Datasheet(HTML) 2 Page - Texas Instruments

  LM317EMP Datasheet HTML 1Page - Texas Instruments LM317EMP Datasheet HTML 2Page - Texas Instruments LM317EMP Datasheet HTML 3Page - Texas Instruments LM317EMP Datasheet HTML 4Page - Texas Instruments LM317EMP Datasheet HTML 5Page - Texas Instruments LM317EMP Datasheet HTML 6Page - Texas Instruments LM317EMP Datasheet HTML 7Page - Texas Instruments LM317EMP Datasheet HTML 8Page - Texas Instruments LM317EMP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2
LM117, LM317-N
SNVS774Q – MAY 2004 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM117 LM317-N
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information, LM117 ..................................... 6
7.5
Thermal Information, LM317-N ................................. 7
7.6
LM117 Electrical Characteristics............................... 7
7.7
LM317-N Electrical Characteristics ........................... 8
7.8
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 14
9
Application and Implementation ........................ 16
9.1
Application Information............................................ 16
9.2
Typical Applications ................................................ 16
10
Power Supply Recommendations ..................... 28
11
Layout................................................................... 28
11.1
Layout Guidelines ................................................. 28
11.2
Layout Examples................................................... 34
12
Device and Documentation Support ................. 36
12.1
Documentation Support ........................................ 36
12.2
Related Links ........................................................ 36
12.3
Receiving Notification of Documentation Updates 36
12.4
Support Resources ............................................... 36
12.5
Trademarks ........................................................... 36
12.6
Electrostatic Discharge Caution ............................ 36
12.7
Glossary ................................................................ 36
13
Mechanical, Packaging, and Orderable
Information ........................................................... 37
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision P (October 2015) to Revision Q
Page
•
Added alternative device Features bullet ............................................................................................................................... 1
•
Changed Applications section ............................................................................................................................................... 1
•
Changed Device Comparison Table ...................................................................................................................................... 3
•
Changed Related Documentation section ............................................................................................................................ 36
Changes from Revision O (January 2014) to Revision P
Page
•
Added, updated, or renamed the following sections: Description; Pin Configuration and Functions; Specifications;
ESD Ratings table; Application and Implementation; Power Supply Recommendations; Layout; Mechanical,
Packaging, and Ordering Information .................................................................................................................................... 1
•
Removed information regarding LM317A, formerly part of this data sheet. LM317A can now be found in the TI
catalog under literature number SNVSAC2 ........................................................................................................................... 1
Changes from Revision N (August 2013) to Revision O
Page
•
Deleted MDT Package (over Full Operating Temperature Range) ....................................................................................... 8
•
Changed Current Limit MIN from 0.112 to 0.15 and TYP from 0.3 to 0.4 for (VIN – VOUT) = 40 V in the LM317A
and LM317-N Electrical Characteristics Section .................................................................................................................... 8
•
Deleted MDT Package ........................................................................................................................................................... 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com