Electronic Components Datasheet Search
  English  ▼

X  

LM317EMP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM317EMP
Description  LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317EMP Datasheet(HTML) 3 Page - Texas Instruments

  LM317EMP Datasheet HTML 1Page - Texas Instruments LM317EMP Datasheet HTML 2Page - Texas Instruments LM317EMP Datasheet HTML 3Page - Texas Instruments LM317EMP Datasheet HTML 4Page - Texas Instruments LM317EMP Datasheet HTML 5Page - Texas Instruments LM317EMP Datasheet HTML 6Page - Texas Instruments LM317EMP Datasheet HTML 7Page - Texas Instruments LM317EMP Datasheet HTML 8Page - Texas Instruments LM317EMP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
3
LM117, LM317-N
www.ti.com
SNVS774Q – MAY 2004 – REVISED JUNE 2020
Product Folder Links: LM117 LM317-N
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
5 Device Comparison Table
IOUT
PARAMETER
LM317
LM317-N
LM317A
LM317HV
UNIT
1.5 A
Input voltage range
4.25 - 40
4.25 - 40
4.25 - 40
4.25 - 60
V
Load regulation accuracy
1.5
1.5
1
1.5
%
PSRR (120 Hz)
64
80
80
65
dB
Recommended operating temperature
0 to 125
0 to 125
–40 to 125
0 to 125
°C
TO-220 (NDE) TJA
23.5
23.2
23.3
23
°C/W
TO-200 (KCT) TJA
37.9
N/A
N/A
N/A
°C/W
TO-252 TJA
N/A
54
54
N/A
°C/W
TO-263 TJA
38
41
N/A
N/A
°C/W
SOT-223 TJA
66.8
59.6
59.6
N/A
°C/W
TO-92 TJA
N/A
186
186
N/A
°C/W
0.5 A
LM317M
Input voltage range
3.75 - 40
V
Load regulation accuracy
1.5
%
PSRR (120 Hz)
80
dB
Recommended operating temperature
-40 - 125
°C
SOT-223 TJA
60.2
°C/W
TO-252 TJA
56.9
°C/W
0.1 A
LM317L
LM317L-N
Input voltage range
3.75 - 40
4.25 - 40
V
Load regulation accuracy
1
1.5
%
PSRR (120 Hz)
62
80
dB
Recommended operating temperature
–40 to 125
–40 to 125
°C
SOT-23 TJA
167.8
N/A
°C/W
SO-8 TJA
N/A
165
°C/W
DSBGA TJA
N/A
290
°C/W
TO-92 TJA
N/A
180
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com