Electronic Components Datasheet Search
  English  ▼

X  

299D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 299D
Description  Solid-Electrolyte TANTALEX® Capacitors, Tripole Triple-Lead, Resin-Coated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

299D Datasheet(HTML) 5 Page - Vishay Siliconix

  299D Datasheet HTML 1Page - Vishay Siliconix 299D Datasheet HTML 2Page - Vishay Siliconix 299D Datasheet HTML 3Page - Vishay Siliconix 299D Datasheet HTML 4Page - Vishay Siliconix 299D Datasheet HTML 5Page - Vishay Siliconix 299D Datasheet HTML 6Page - Vishay Siliconix 299D Datasheet HTML 7Page - Vishay Siliconix 299D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
299D
www.vishay.com
Vishay Sprague
Revision: 06-Aug-2020
5
Document Number: 40044
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE CHARACTERISTICS
1.
Operating Temperature: capacitors are designed to
operate over the temperature range of -55 °C to
+85 °C with no derating.
1.1
Capacitors may be operated up to +125 °C with
voltage derating to two-thirds the +85 °C rating.
2.
DC Working Voltage: the DC working voltage is the
maximum operating voltage for continuous duty at
the rated temperature.
3.
Surge Voltage: the surge DC rating is the maximum
voltage to which the capacitors may be subjected
under any conditions, including transients and peak
ripple at the highest line voltage.
3.1
Surge Voltage Test: capacitors shall withstand the
surge voltage applied in series with a 33
 ± 5 %
resistor at the rate of 1.5 min on, 1.5 min off at
+85 °C, for 1000 successive test cycles.
3.2
Following the surge voltage test, the dissipation
factor and the leakage current shall meet the initial
requirements;
the
capacitance
shall
not
have
changed more than ± 5 %.
4.
Capacitance Tolerance: the capacitance of all
capacitors shall be within the specified tolerance
limits of the nominal rating.
4.1
Capacitance measurements shall be made by means
of polarized capacitance bridge. The polarizing
voltage shall be of such magnitude that there shall be
no reversal of polarity due to the AC component. The
maximum voltage applied to capacitors during
measurement shall be 2 VRMS at 120 Hz at +25 °C. If
the AC voltage applied is less than 0.5 VRMS, no DC
bias is required. Measurement accuracy of the
bridge shall be within ± 2 %.
5.
Capacitance
Change
with
Temperature:
the
capacitance change with temperature shall not
exceed the following percentage of the capacitance
measured at +25 % at:
6.
Dissipation
Factor:
the
dissipation
factor,
determined from the expression 2
fC
R, shall not
exceed values listed in the Standard Ratings table.
6.1
Measurements shall be made by the bridge method
at, or referred to, a frequency of 120 Hz and a
temperature of +25 °C.
7.
Leakage Current: capacitors shall be stabilized at
the rated temperature for 30 min. Rated voltage shall
be applied to capacitors for 5 min using a steady
source of power (such as a regulated power supply)
with 1000
 resistor connected in series with the
capacitor under test to limit the charging current.
Leakage current shall then be measured.
Note that the leakage current varies with temperature
and applied voltage. See graph below for the
appropriate adjustment factor.
+85 °C RATING
+125 °C RATING
WORKING
VOLTAGE
(V)
SURGE
VOLTAGE
(V)
WORKING
VOLTAGE
(V)
SURGE
VOLTAGE
(V)
3.0
3.6
2.0
2.4
6.3
8.0
4.0
5.0
10
13
7.0
9.0
16
20
10
12
20
26
13
16
25
33
17
21
35
46
23
28
50
65
33
40
-55 °C
+85 °C
+125 °C
-10 %
+10 %
+12 %
LEAKAGE AS A FUNCTION OF VOLTAGE
AND TEMPERATURE
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.008
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0
10
30
20
90
40
50 60 70 80
100
PERCENT OF RATED VOLTAGE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com