Electronic Components Datasheet Search
  English  ▼

X  

299D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 299D
Description  Solid-Electrolyte TANTALEX® Capacitors, Tripole Triple-Lead, Resin-Coated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

299D Datasheet(HTML) 1 Page - Vishay Siliconix

  299D Datasheet HTML 1Page - Vishay Siliconix 299D Datasheet HTML 2Page - Vishay Siliconix 299D Datasheet HTML 3Page - Vishay Siliconix 299D Datasheet HTML 4Page - Vishay Siliconix 299D Datasheet HTML 5Page - Vishay Siliconix 299D Datasheet HTML 6Page - Vishay Siliconix 299D Datasheet HTML 7Page - Vishay Siliconix 299D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
299D
www.vishay.com
Vishay Sprague
Revision: 06-Aug-2020
1
Document Number: 40044
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid-Electrolyte TANTALEX® Capacitors,
Tripole Triple-Lead, Resin-Coated
PERFORMANCE CHARACTERISTICS
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.10 μF to 680 μF
Capacitance Tolerance: ± 20 %, ± 10 % standard
± 5 % available as special
Voltage Rating: 3 VDC to 50 VDC
FEATURES
• Radial through hole terminations: tin / lead
(SnPb), 100 % tin (Sn)
• Triple-lead design allows reverse installations
• 6 miniature case codes available
• EIA standard case sizes
• Easy installation, economical, high performance
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
Available
Available
ORDERING INFORMATION
299D
227
X0
003
A
B
1
E3
MODEL
CAPACITANCE
CAPACITANCE
DC VOLTAGE RATING
CASE
LEAD STYLE
PACKAGING
RoHS-
TOLERANCE
AT + 85 °C
CODE
COMPLIANT
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
X0 = ± 20 %
X9 = ± 10 %
*X5 = ± 5 %
* Special order
Expressed in volts.
To complete the 3-digit
block, zeros precede
the voltage rating.
A decimal point is
indicated by an “R”
(6R3 = 6.3 V).
See
Ratings
and
Case
Codes
table
B = hockey
stick
1 = bulk
6 = tape and reel
13" [330 mm] reel
E3 = 100 %
tin termination
(RoHS-compliant)
Blank = SnPb
termination
DIMENSIONS in inches [millimeters]
CASE
CODE
D (MAX.)
T (MAX.)
H (MAX.)
L
S
LEAD SIZE
AWG NO.
NOM. DIA.
A
0.280 [7.1]
0.190 [4.82]
0.360 [9.14]
0.187 ± 0.032 [4.75 ± 0.82]
0.100 ± 0.015 [2.54 ± 0.38]
24
0.020 [0.51]
B
0.280 [7.1]
0.200 [5.08]
0.360 [9.14]
0.187 ± 0.032 [4.75 ± 0.82]
0.100 ± 0.015 [2.54 ± 0.38]
24
0.020 [0.51]
C
0.280 [7.1]
0.230 [5.84]
0.380 [9.65]
0.187 ± 0.032 [4.75 ± 0.82]
0.100 ± 0.015 [2.54 ± 0.38]
24
0.020 [0.51]
D
0.280 [7.1]
0.270 [6.85]
0.440 [11.17]
0.187 ± 0.032 [4.75 ± 0.82]
0.100 ± 0.015 [2.54 ± 0.38]
24
0.020 [0.51]
E
0.340 [8.63]
0.340 [8.63]
0.560 [14.22]
0.187 ± 0.032 [4.75 ± 0.82]
0.100 ± 0.015 [2.54 ± 0.38]
24
0.020 [0.51]
F
0.360 [9.14]
0.360 [9.14]
0.620 [15.74]
0.187 ± 0.032 [4.75 ± 0.82]
0.100 ± 0.015 [2.54 ± 0.38]
24
0.020 [0.51]
D
MAX.
H
MAX.
L
Seating
plane
S
0.200 [5.08] REF.
Tinned
solderable
leads
T
MAX.
-
-
+


Similar Part No. - 299D

ManufacturerPart #DatasheetDescription
logo
ETRI
299DH1LP11000 ETRI-299DH1LP11000 Datasheet
201Kb / 1P
DC Axial Fans
299DH1LP11000 ETRI-299DH1LP11000 Datasheet
192Kb / 1P
DC Axial Fans
299DH1LP11000 ETRI-299DH1LP11000_16 Datasheet
192Kb / 1P
DC Axial Fans
299DH2LP11000 ETRI-299DH2LP11000 Datasheet
201Kb / 1P
DC Axial Fans
299DH2LP11000 ETRI-299DH2LP11000 Datasheet
192Kb / 1P
DC Axial Fans
More results

Similar Description - 299D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150D VISHAY-150D Datasheet
72Kb / 9P
Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
16-Jan-08
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D336X9010DE2 VISHAY-199D336X9010DE2 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors
29-Nov-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D VISHAY-199D Datasheet
60Kb / 4P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
07-May-03
152D VISHAY-152D Datasheet
153Kb / 11P
Solid-Electrolyte TANTALEX™ Capacitors, Extended Capacitance Values, Hermetically-Sealed
17-Aug-2020
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
Solid-Electrolyte TANTALEX™ Capacitors, Military MIL-PRF-39003/09 Qualified, Style CSR21
05-Aug-2020
199D VISHAY-199D_V01 Datasheet
119Kb / 8P
olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
04-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com