Electronic Components Datasheet Search
  English  ▼

X  

DTC124ECA Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # DTC124ECA
Description  DIGITAL TRANSISTOR (NPN)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC124ECA Datasheet(HTML) 3 Page - Rectron Semiconductor

  DTC124ECA Datasheet HTML 1Page - Rectron Semiconductor DTC124ECA Datasheet HTML 2Page - Rectron Semiconductor DTC124ECA Datasheet HTML 3Page - Rectron Semiconductor DTC124ECA Datasheet HTML 4Page - Rectron Semiconductor DTC124ECA Datasheet HTML 5Page - Rectron Semiconductor DTC124ECA Datasheet HTML 6Page - Rectron Semiconductor DTC124ECA Datasheet HTML 7Page - Rectron Semiconductor DTC124ECA Datasheet HTML 8Page - Rectron Semiconductor DTC124ECA Datasheet HTML 9Page - Rectron Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
























































7
D

7
D

OFF Characteristics



9
&&
9
,138792/7$*(
9
, 2))
9



7
D

ON Characteristics
7
D

9
2
9



287387 &855(17,
2
P$
7
D

7
D





V
O(ON)
——
I
O
,
2
,
,

287387 &855(17,
2
P$
'7&(0
'7&(6$
'7&(8$&$.$
'7&((
P
D
——
T
a
$0%,(177(03(5$785(7
D
I 0+]
7
D

C
O
——
V
R
5(9(56( %,$692/7$*(9
5
9
7
D

7
D


9
2
9





G
I
——
I
O
287387&855(17,
2
P$

RATING AND CHARACTERISTICS CURVES ( DTC124EM/EE/EUA/EKA/ECA/ESA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com