Electronic Components Datasheet Search
  English  ▼

X  

DTC124ECA Datasheet(PDF) 12 Page - Rectron Semiconductor

Part # DTC124ECA
Description  DIGITAL TRANSISTOR (NPN)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC124ECA Datasheet(HTML) 12 Page - Rectron Semiconductor

Back Button DTC124ECA Datasheet HTML 8Page - Rectron Semiconductor DTC124ECA Datasheet HTML 9Page - Rectron Semiconductor DTC124ECA Datasheet HTML 10Page - Rectron Semiconductor DTC124ECA Datasheet HTML 11Page - Rectron Semiconductor DTC124ECA Datasheet HTML 12Page - Rectron Semiconductor DTC124ECA Datasheet HTML 13Page - Rectron Semiconductor DTC124ECA Datasheet HTML 14Page - Rectron Semiconductor DTC124ECA Datasheet HTML 15Page - Rectron Semiconductor DTC124ECA Datasheet HTML 16Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MinMax
MinMax
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
e1
1.800
2.000
0.071
0.079
L
L1
0.300
0.500
0.012
0.020
0°8°0°
°
0.550 REF
0.022 REF
Symbol
Dimensions In Inches
Dimensions In Millimeters
0.950 TYP
0.037 TYP
6273DFNDJH2XWOLQH'LPHQVLRQV
627 6XJJHVWHG 3DG/D\RXW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com