Electronic Components Datasheet Search
  English  ▼

X  

P70 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P70
Description  RF Power Plate Capacitors with Contoured Rim, Class 1 Ceramic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P70 Datasheet(HTML) 1 Page - Vishay Siliconix

  P70 Datasheet HTML 1Page - Vishay Siliconix P70 Datasheet HTML 2Page - Vishay Siliconix P70 Datasheet HTML 3Page - Vishay Siliconix P70 Datasheet HTML 4Page - Vishay Siliconix P70 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P. 70, P. 100, P. 140, P. 200
www.vishay.com
Vishay Draloric
Revision: 30-Jan-2019
1
Document Number: 22082
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF Power Plate Capacitors with Contoured Rim,
Class 1 Ceramic
DESIGN SUPPORT TOOLS
FEATURES
• Low losses
• High reliability
• Wide range of capacitance values
APPLICATIONS
• Induction and dielectric heating
• Antenna coupling
• Filter, bypass and coupling circuits
MATERIAL
Capacitor elements made from class 1 ceramic dielectric
with noble metal electrodes.
Flexible connection terminals made from copper / brass,
silver plated, to allow for series and parallel interconnection.
FINISH
Noble metal electrodes and terminals are protective
lacquered. The contoured insulating rim is glazed.
MARKING
Type designator, capacitance value and tolerance, rated
peak voltage, ceramic material code, production date code,
manufacturer logo.
ACCESSORIES ADDED
Two screws and washers (PD, PE)
CAPACITANCE RANGE
25 pF to 6.0 nF
CAPACITANCE TOLERANCE
 10 pF: ± 2 pF; ± 1 pF; ± 0.5 pF
 10 pF: ± 20 %; ± 10 %; ± 5 %
CERAMIC DIELECTRIC
• R7 (TCC: +100 ppm/K)
• R16 (TCC: +100 ppm/K)
• R42 (TCC: -250 ppm/K)
• R85 (TCC: -750 ppm/K)
• R230 (TCC: -750 ppm/K)
RATED VOLTAGE
DIELECTRIC STRENGTH TEST
200 % of rated voltage, 50 Hz
DISSIPATION FACTOR
R7: max. 0.07 %
R16: max. 0.04 %
R42, R85, R230: max. 0.05 %
Measuring frequencies:
1 MHz (< 1 nF); 300 kHz or 100 kHz (
 1 nF)
INSULATION RESISTANCE
Min. 10 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
-55 °C to +100 °C
click logo to get started
Available
Models
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic class
1
Ceramic
dielectric
R7, R16, R42, R85
R7, R16, R42, R85
R7, R16, R42, R85, R230
R7, R16, R42, R85
Type
PA 70, PD 70
PA 100, PD 100, PE 100
PA140, PC140, PD140, PE140
PA 200, PC 200, PD 200,
PE 200
Voltage (Vp)
11 000 12 000 13 000 14 000 11 000 13 000 14 000 15 000 12 000 13 000 14 000 15 000 16 000 12 000 13 000 14 000 15 000
Min. capacitance
(pF)
800
80
120
25
1600
160
250
50
3000
600
300
100
3000
400
4000
300
160
Max. capacitance
(pF)
800
600
500
300
1600
1200
800
200
3000
2500
1600
400
3000
6000
5000
3000
800
Mounting
Screw terminal / band terminal
•11 kVp
•12 kVp
•13 kVp
• 14 kVp
• 15 kVp
• 16 kVp


Similar Part No. - P70

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
P70-1000045R HARWIN-P70-1000045R Datasheet
80Kb / 1P
SMT SPRING LOADED POGO PIN IN TAPE AND REEL
P70-1010045R HARWIN-P70-1010045R Datasheet
80Kb / 1P
SMT SPRING LOADED POGO PIN IN TAPE AND REEL
P70-1020045R HARWIN-P70-1020045R Datasheet
80Kb / 1P
SMT SPRING LOADED POGO PIN IN TAPE AND REEL
P70-1030045R HARWIN-P70-1030045R Datasheet
80Kb / 1P
SMT SPRING LOADED POGO PIN IN TAPE AND REEL
P70-1100045R HARWIN-P70-1100045R Datasheet
73Kb / 1P
SMT SPRING LOADED POGO PIN IN TAPE AND REEL
More results

Similar Description - P70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS20 VISHAY-PS20 Datasheet
89Kb / 3P
Plate Capacitors with Contoured Rim - Class 2 Ceramic
14-Aug-02
PS30 VISHAY-PS30 Datasheet
96Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
14-Aug-02
FPS60 VISHAY-FPS60 Datasheet
115Kb / 2P
Plate Capacitors with Flat Rim - Class 1 Ceramic
14-Aug-02
P.70 VISHAY-P.70 Datasheet
122Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
20-Nov-01
R.012085 VISHAY-R.012085 Datasheet
82Kb / 4P
RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
FPS60 VISHAY-FPS60_15 Datasheet
247Kb / 3P
RF Power Plate Capacitors with Flat Rim, Class 1 Ceramic
14-Sep-15
FPZ140 VISHAY-FPZ140_13 Datasheet
82Kb / 3P
RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
01-Mar-13
PEF220 VISHAY-PEF220_16 Datasheet
104Kb / 7P
RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
29-Feb-16
R016040 VISHAY-R016040 Datasheet
87Kb / 4P
RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
04-Sep-15
T085120 VISHAY-T085120 Datasheet
93Kb / 5P
RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
07-Sep-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com