Electronic Components Datasheet Search
  English  ▼

X  

P70 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P70
Description  RF Power Plate Capacitors with Contoured Rim, Class 1 Ceramic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P70 Datasheet(HTML) 2 Page - Vishay Siliconix

  P70 Datasheet HTML 1Page - Vishay Siliconix P70 Datasheet HTML 2Page - Vishay Siliconix P70 Datasheet HTML 3Page - Vishay Siliconix P70 Datasheet HTML 4Page - Vishay Siliconix P70 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P. 70, P. 100, P. 140, P. 200
www.vishay.com
Vishay Draloric
Revision: 30-Jan-2019
2
Document Number: 22082
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• RoHS-compliant parts on request
Notes
•# 2nd digit: code letter of terminal version A, C, D, E
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38; ± 10 % = 36; ± 5 % = 33
• RoHS-compliant parts on request
(1) The surface temperature during operation must not exceed +100 °C
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVP)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
PD
PA
TYPE P. 70
P#0070WJ250##BF1
R7
25
14
15
16
10
P#0070WJ300##BF1
30
P#0070WJ400##BG1
R16
40
14
20
P#0070WJ500##BG1
50
P#0070WJ600##BG1
60
P#0070WF800##BG1
80
12
P#0070WJ101##BH1
R42
100
14
20
P#0070WH121##BH1
120
13
P#0070WH161##BH1
160
P#0070WJ201##BJ1
R85
200
14
20
P#0070WJ251##BJ1
250
P#0070WJ301##BJ1
300
P#0070WH401##BJ1
400
13
P#0070WH501##BJ1
500
P#0070WF601##BJ1
600
12
P#0070WE801##BJ1
800
11
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVP)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
PE
PD
PA
TYPE P. 100
P#0100BJ500##BF1
R7
50
15
30
35
25
15
P#0100BJ600##BF1
60
P#0100BJ800##BG1
R16
80
15
40
P#0100BJ101##BG1
100
P#0100BJ121##BG1
120
P#0100WH161##BG1
160
13
P#0100BJ201##BH1
R42
200
15
40
P#0100WJ251##BH1
250
14
P#0100WH301##BH1
300
13
P#0100WJ401##BJ1
R85
400
14
40
P#0100WJ501##BJ1
500
P#0100WJ601##BJ1
600
P#0100WJ801##BJ1
800
P#0100WH102##BJ1
1000
13
P#0100WH122##BJ1
1200
P#0100WE162##BJ1
1600
11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com