Electronic Components Datasheet Search
  English  ▼

X  

GWS Datasheet(PDF) 6 Page - Vishay Siliconix

Part # GWS
Description  Vitreous Wirewound Resistors with Lugs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GWS Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button GWS Datasheet HTML 2Page - Vishay Siliconix GWS Datasheet HTML 3Page - Vishay Siliconix GWS Datasheet HTML 4Page - Vishay Siliconix GWS Datasheet HTML 5Page - Vishay Siliconix GWS Datasheet HTML 6Page - Vishay Siliconix GWS Datasheet HTML 7Page - Vishay Siliconix GWS Datasheet HTML 8Page - Vishay Siliconix GWS Datasheet HTML 9Page - Vishay Siliconix GWS Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
GWS, GWS E, GWS Ni
www.vishay.com
Vishay Draloric
Revision: 19-Jul-16
6
Document Number: 21003
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
TEMPERATURE RISE
10
100
1000
10000
0
20
40
60
80
100
120
-100
-50
0
50
100
150
200
250
300
350
Axis Title
Ambient Temperature (°C)
2nd line
40
-55
10
100
1000
10000
0
100
200
300
400
500
0
5
10
15
20
25
Axis Title
Dissipation (W)2nd line
GWS 15
GWS 20
10
100
1000
10000
0
100
200
300
400
500
0
1020304050
Axis Title
Dissipation (W)2nd line
GWS 25
GWS 35
10
100
1000
10000
0
100
200
300
400
500
0
1530456075
Axis Title
Dissipation (W)2nd line
GWS 50
GWS 75
10
100
1000
10000
0
100
200
300
400
500
0
40
80
120
160
200
Axis Title
Dissipation (W)2nd line
GWS 100
GWS 220



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com