Electronic Components Datasheet Search
  English  ▼

X  

GWS Datasheet(PDF) 7 Page - Vishay Siliconix

Part # GWS
Description  Vitreous Wirewound Resistors with Lugs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GWS Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button GWS Datasheet HTML 3Page - Vishay Siliconix GWS Datasheet HTML 4Page - Vishay Siliconix GWS Datasheet HTML 5Page - Vishay Siliconix GWS Datasheet HTML 6Page - Vishay Siliconix GWS Datasheet HTML 7Page - Vishay Siliconix GWS Datasheet HTML 8Page - Vishay Siliconix GWS Datasheet HTML 9Page - Vishay Siliconix GWS Datasheet HTML 10Page - Vishay Siliconix GWS Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
GWS, GWS E, GWS Ni
www.vishay.com
Vishay Draloric
Revision: 19-Jul-16
7
Document Number: 21003
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS AND MASS for GWS 15, GWS 20, GWS 25, and GWS 35
TYPE /
VARIANT
TERMINAL
D
(mm)
L
(mm)
a
(mm)
b
(mm)
b1
(mm)
c
(mm)
d
(mm)
e
(mm)
e1
(mm)
k
(mm)
MASS
(g)
GWS 15
GWS 15 E
GWS 15 Ni
SL
7.5 ± 0.5
45.0 ± 1.5 36.0 ± 2.0
4.0
4.0
15.5
2.6
1.5
2.8
2.5
6
GWS 20
GWS 20 E
GWS 20 Ni
SL
9.5 ± 0.5
50.0 ± 1.5
39.0 ± 2.0
4.0
4.0
18.0
3.5
2.0
2.8
3.5
8
SS
40.0 ± 2.0
5.0
4.0
10.5
3.5
M3 x 16
2.8
2.5
GWS 25
GWS 25 E
GWS 25 Ni
SL
11.8 ± 0.8
55.0 ± 1.5
43.0 ± 2.0
4.0
5.0
19.0
5.5
2.0
2.8
4.0
13
SS
44.0 ± 2.0
5.0
5.0
11.5
5.5
M3 x 16
2.8
3.0
GWS 35
GWS 35 E
GWS 35 Ni
SL
11.8 ± 0.8
62.0 ± 2
50.0 ± 2.0
4.0
5.0
19.0
5.5
2.0
2.8
4.0
15
SS
51.0 ± 2.0
5.0
5.0
11.5
5.5
M3 x 16
2.8
3.0
TEMPERATURE RISE
10
100
1000
10000
0
100
200
300
400
500
0
100
200300
400500
Axis Title
Dissipation (W)2nd line
GWS 300
GWS 500
10
100
1000
10000
0
100
200
300
400
500
050
100
150
200
250
Axis Title
Dissipation (W)2nd line
GWS 30/100
GWS 30/133
D
b
1
e
1
L
k
d
b
a
e
c
k
a
c
k
k
D
L
b
d
b
1
e
1
PRODUCTS WITH SL TERMINALS
ADJUSTABLE LUGS
d
PRODUCTS WITH SS TERMINALS
CORE SECTION
GWS 15 E
GWS 20 E
GWS 25 E
GWS 35 E
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com