Electronic Components Datasheet Search
  English  ▼

X  

MCP3464 Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP3464 Datasheet HTML 47Page - Microchip Technology MCP3464 Datasheet HTML 48Page - Microchip Technology MCP3464 Datasheet HTML 49Page - Microchip Technology MCP3464 Datasheet HTML 50Page - Microchip Technology MCP3464 Datasheet HTML 51Page - Microchip Technology MCP3464 Datasheet HTML 52Page - Microchip Technology MCP3464 Datasheet HTML 53Page - Microchip Technology MCP3464 Datasheet HTML 54Page - Microchip Technology MCP3464 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 51
MCP3461/2/4
5.13
Conversion Modes
The ADC includes several Conversion modes that can
be selected through the CONV_MODE[1:0] bits located
in the CONFIG3 register. The behavior of the ADC with
respect to these bits depends on whether the ADC is in
MUX or SCAN mode. Table 5-13 summarizes the
possible configurations.
5.13.1
CONVERSION MODES IN MUX
MODE
In MUX mode, the user can choose between one-shot
and continuous conversions.
A one-shot conversion is a single conversion and takes
a certain Conversion Time, TCONV (or 2 x TCONV when
AZ_MUX = 1, see Section 5.1.3 “ADC Offset Cancel-
lation Algorithm”). Once this conversion is performed,
the part returns automatically to a Standby or ADC
Shutdown state depending on the CONV_MODE[1:0]
bits setting. The Conversion mode determined by the
CONV_MODE[1:0] bits setting will also affect the state
of the ADC_MODE[1:0], as described in Table 5-13.
The conversion can be preceded by a start-up time that
depends on the ADC state (see Section 5.10 “ADC
Start-up Timer”). In One-Shot mode, the ADC data
have to be completely read with the SPI interface for
the interrupt to be cleared on the IRQ pin (the IRQ pin
cannot be automatically cleared like in the Continuous
Conversion mode).
This mode is recommended for low-power, low
bandwidth applications, requiring a once in a while A/D
conversion.
In the Continuous Conversion mode, the ADC is never
placed in Standby or ADC Shutdown mode and con-
verts continuously without any internal Reset. In this
mode, the output data rate of the ADC is defined by
DRCLK (see Figure 5-5). The digital decimation filter
induces a pipeline or group delay of TCONV for the first
data ready and is structured to give a continuous
stream of data at the DRCLK rate after this first data
ready (the internal registers of the filter are never reset
in this mode, thus the decimation filter acts as a moving
average). Each data ready interrupt corresponds to a
valid and complete conversion that has processed
through the digital filter (the digital filter has no latency
in this respect). This mode allows a much faster data
rate than the One-Shot mode, and is therefore,
recommended for higher bandwidth applications. The
pipeline delay should be carefully determined and
adapted to user needs, especially in closed-loop,
low-latency applications. This mode is recommended for
applications requiring continuous sampling/averaging of
the input signals. If AZ_MUX = 1, the Continuous Con-
version mode is replaced by a series of subsequent
One-Shot mode conversions, with a Reset between
each conversion. This makes the group delay equal to
2* TCONV and the data rate equal to 1/(2 * TCONV).
Figure 5-13 and Figure 5-14 detail One-Shot and
Continuous Conversion modes for MUX mode.
TABLE 5-13:
ADC CONVERSION MODES IN MUX OR SCAN MODES
CONV_MODE[1:0]
ADC Behavior (MUX Mode)
ADC Behavior
(SCAN Mode)
ADC_MODE[1:0] Bits
Settings
0x
Performs a one-shot conversion
and returns automatically to
ADC Shutdown mode.
Performs one complete SCAN
cycle and returns automatically
to ADC Shutdown mode.
Returns to ‘0x’ after one
conversion (MUX mode) or one
SCAN cycle (SCAN mode).
10
Performs a one-shot conversion
and returns automatically to
Standby mode.
Performs one complete SCAN
cycle and returns automatically
to Standby mode.
Returns to ‘10’ after one
conversion (MUX mode) or one
SCAN cycle (SCAN mode).
11
Performs continuous
conversions.
Performs continuous SCAN
cycles with TIMER[23:0] delay
between each cycle.
Stays at ‘11’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com