Electronic Components Datasheet Search
  English  ▼

X  

MCP3464 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP3464 Datasheet HTML 53Page - Microchip Technology MCP3464 Datasheet HTML 54Page - Microchip Technology MCP3464 Datasheet HTML 55Page - Microchip Technology MCP3464 Datasheet HTML 56Page - Microchip Technology MCP3464 Datasheet HTML 57Page - Microchip Technology MCP3464 Datasheet HTML 58Page - Microchip Technology MCP3464 Datasheet HTML 59Page - Microchip Technology MCP3464 Datasheet HTML 60Page - Microchip Technology MCP3464 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 57
MCP3461/2/4
5.15.3
REGISTER BITS’ MODIFICATIONS
CAUSING DELAYED
RESET/RESTART
A third group of bits will generate a Reset and restart
that induces a new start-up delay (TADC_SETUP) so that
the internal analog operating points can be settled with
the new settings before the new conversion is started.
The Reset is immediate; the start-up timer is only
restarted after a period of two MCLK periods
(necessary to handle the Reset and ensures that the
restart is synchronous with the master clock). Overall,
the delay from Reset to actual restart of the conversion
with the new settings is then two MCLK periods plus
TADC_SETUP. This group includes CONFIG0[7:6],
CLK_SEL[1:0], CS_SEL[1:0], BOOST[1:0] and the
RESERVED Address registers (0xB and 0xC). The
CS_SEL[1:0], CLK_SEL[1:0] and BOOST[1:0] bits will
induce a start-up timer delay only if they are changed
to a new value. If they are overwritten with the same
value, they will generate an immediate Reset and
restart. In SCAN mode, the Reset and restart feature
will just restart the current conversion for this group of
bits; the SCAN cycle is not modified and not restarted.
This third group of bits will induce a start-up timer
delay, even when ADC_MODE[1:0] = 10 or if the ADC
is in Standby mode.
During the Reset and restart sequence, the Reset is
immediate and resets the internal phases to the original
state, which can lead to a discontinuity in the clock out-
put frequency if the AMCLK clock output is enabled. The
restart is synchronous with the AMCLK generation and
is effective only after two MCLK periods. The restart will
also generate a conversion start pulse (only after the two
MCLK periods or the 2 MCLK + TADC_SETUP necessary
for the restart) if enabled for the user to be able to align
the system with the exact start of the new conversion.
In MUX mode, the TIMER and SCAN registers do not
generate a Reset and restart when written, except if the
SCAN register is modified to effectively enter in SCAN
mode. In this case, the MUX mode is superseded by
the SCAN mode immediately.
In SCAN mode, a write access of the SCAN register,
during or between conversions within the SCAN cycle,
will create a Reset and restart of the whole SCAN
sequence. Within the same conditions, a write access
on the TIMER register will not create a Reset and
restart of the whole SCAN sequence. However, during
the TTIMER_SCAN delay between each SCAN cycle, a
write on the SCAN register will not generate a Reset
and restart of the whole sequence. Within the same
conditions, a write on the TIMER register will generate
a Reset and restart of the whole sequence.
Depending on the phase between AMCLK and the SPI
commands, the two MCLK period delay can become a
four MCLK delay to ensure the proper synchronization
of the device. If very precise synchronization is
required, it is recommended to either not change
dynamically the register configurations (i.e., not during
conversions), or to use the EN_STP = 1 setting so that
the start of the conversions can be clearly determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com