Electronic Components Datasheet Search
  English  ▼

X  

MCP443X Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP443X
Description  7/8-Bit Volatile Quad Digital POT with I2C Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP443X Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP443X Datasheet HTML 49Page - Microchip Technology MCP443X Datasheet HTML 50Page - Microchip Technology MCP443X Datasheet HTML 51Page - Microchip Technology MCP443X Datasheet HTML 52Page - Microchip Technology MCP443X Datasheet HTML 53Page - Microchip Technology MCP443X Datasheet HTML 54Page - Microchip Technology MCP443X Datasheet HTML 55Page - Microchip Technology MCP443X Datasheet HTML 56Page - Microchip Technology MCP443X Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
 2010 Microchip Technology Inc.
DS22267A-page 53
MCP443X/5X
FIGURE 6-11:
General Call Formats.
0
00 0
S
0 000
X
XXXX
A
XX0A P
General Call Address
Second Byte
“7-bit Command”
Reserved 7-bit Commands (by I2C Specification - NXP UM10204_3, Version 03 19, June 2007)
‘0000 011’b - Reset and write programmable part of slave address by hardware.
‘0000 010’b - Write programmable part of slave address by hardware.
‘0000 000’b - NOT Allowed
MCP44XX 7-bit Commands
‘1000 01x’b - Increment Wiper 0 Register.
‘1001 01x’b - Increment Wiper 1 Register.
The Following is a Microchip Extension to this General Call Format
0
00 0
S
0 000
X
XXXX
AX d 0 A
General Call Address
Second Byte
“7-bit Command”
MCP44XX 7-bit Commands
‘1000 00d’b - Write Next Byte (Third Byte) to Volatile Wiper 0 Register.
‘1001 00d’b - Write Next Byte (Third Byte) to Volatile Wiper 1 Register.
d
dddd
ddd A P
Third Byte
The Following is a “Hardware General Call” Format
0
00 0
S0 0 0 0
X
XXXX
A
XX1A
General Call Address
Second Byte
“7-bit Command”
X
XXXX
XXX AP
n occurrences of (Data + A)
This indicates a “Hardware General Call”
MCP44XX will ignore this byte and
all following bytes (and A), until
‘1000 10x’b - Decrement Wiper 0 Register.
‘1001 10x’b - Decrement Wiper 1 Register.
‘1100 00d’b - Write Next Byte (Third Byte) to TCON Register.
a Stop bit (P) is encountered.
‘0’ for General Call Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com