Electronic Components Datasheet Search
  English  ▼

X  

MCP443X Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP443X
Description  7/8-Bit Volatile Quad Digital POT with I2C Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP443X Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP443X Datasheet HTML 51Page - Microchip Technology MCP443X Datasheet HTML 52Page - Microchip Technology MCP443X Datasheet HTML 53Page - Microchip Technology MCP443X Datasheet HTML 54Page - Microchip Technology MCP443X Datasheet HTML 55Page - Microchip Technology MCP443X Datasheet HTML 56Page - Microchip Technology MCP443X Datasheet HTML 57Page - Microchip Technology MCP443X Datasheet HTML 58Page - Microchip Technology MCP443X Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
 2010 Microchip Technology Inc.
DS22267A-page 55
MCP443X/5X
7.0
DEVICE COMMANDS
The MCP44XX’s I2C command formats are specified in
this section. The I2C protocol does not specify how
commands are formatted.
The MCP44XX supports four basic commands. The
location accessed determines the commands that are
supported.
For the Volatile Wiper Registers, these commands are:
• Write Data
• Read Data
•Increment Data
•Decrement Data
For the TCON Register, these commands are:
• Write Data
• Read Data
These commands have formats for both a single
command or continuous commands. These commands
are shown in Table 7-1.
Each command has two operational states. These
operational states are referred to as:
• Normal Serial Commands
• High-Voltage Serial Commands
TABLE 7-1:
I2C COMMANDS
Normal serial commands are those where the HVC pin
is driven to VIH or VIL. With High-Voltage Serial
Commands, the HVC pin is driven to VIHH. In each
mode, there are four possible commands.
Table 7-2 shows the supported commands for each
memory location.
Table 7-3 shows an overview of all the device
commands and their interaction with other device
features.
7.1
Command Byte
The MCP44XX’s Command Byte has three fields: the
Address, the Command Operation, and 2 Data bits
(see Figure 7-1). Currently only one of the data bits is
defined (D8).
The device memory is accessed when the Master
sends a proper Command Byte to select the desired
operation. The memory location getting accessed is
contained in the Command Byte’s AD3:AD0 bits. The
action desired is contained in the Command Byte’s
C1:C0 bits, see Figure 7-1. C1:C0 determines if the
desired memory location will be read, written,
Incremented (wiper setting +1) or Decremented (wiper
setting -1). The Increment and Decrement commands
are only valid on the volatile wiper registers, and in
High Voltage commands to enable/disable WiperLock
Technology and Software Write Protect.
If the Address bits and Command bits are not a valid
combination, then the MCP44XX will generate a Not
Acknowledge pulse to indicate the invalid combination.
The I2C Master device must then force a Start
Condition to reset the MCP44XX’s I2C module.
D9 and D8 are the most significant bits for the digital
potentiometer’s wiper setting. The 8-bit devices utilize
D8 as their MSb while the 7-bit devices utilize D7 (from
the data byte) as their MSb.
FIGURE 7-1:
Command Byte Format.
Note:
High Voltage commands are supported for
compatibility with Non-Volatile devices in
the family.
Command
# of Bit Clocks
(1)
Operation
Mode
Write Data
Single
29
Continuous
18n + 11
Read Data
Single
29
Random
48
Continuous
18n + 11
Increment
Single
20
Continuous
9n + 11
Decrement
Single
20
Continuous
9n + 11
Note 1:
“n” indicates the number of times the
command operation is to be repeated.
AA
D
3
A
D
2
A
D
1
A
D
0
C
1
C
0
D
9
D
8
A
MCP4XXX
COMMAND BYTE
00 = Write Data
01 = Increment
MSbits (Data)
10 = Decrement
11 = Read Data
Command Operation bits
Memory Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com