Electronic Components Datasheet Search
  English  ▼

X  

TSH343 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH343
Description  280MHz Single - Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH343 Datasheet HTML 2Page - STMicroelectronics TSH343 Datasheet HTML 3Page - STMicroelectronics TSH343 Datasheet HTML 4Page - STMicroelectronics TSH343 Datasheet HTML 5Page - STMicroelectronics TSH343 Datasheet HTML 6Page - STMicroelectronics TSH343 Datasheet HTML 7Page - STMicroelectronics TSH343 Datasheet HTML 8Page - STMicroelectronics TSH343 Datasheet HTML 9Page - STMicroelectronics TSH343 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical Characteristics
TSH343
6/14
Rev. 2
Figure 7.
Distortion on 150
Ω load - 10MHz
Figure 8.
Distortion on 100
Ω load - 10MHz
Figure 9.
Distortion on 150
Ω load - 30MHz
Figure 10. Distortion on 100
Ω load - 30MHz
Figure 11. Output DC shift vs. frequency
Figure 12. Slew rate
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
HD2
HD3
Vcc=5V
F=10MHz
input DC component = 0.65V
Load=150
Ω
Output Amplitude (Vp-p)
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
HD2
HD3
Vcc=5V
F=10MHz
input DC component = 0.65V
Load=100
Ω
Output Amplitude (Vp-p)
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
HD2
HD3
Vcc=5V
F=30MHz
input DC component = 0.65V
Load=150
Ω
Output Amplitude (Vp-p)
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
HD2
HD3
Vcc=5V
F=30MHz
input DC component = 0.65V
Load=100
Ω
Output Amplitude (Vp-p)
1M
10M
100M
0,6
0,8
1,0
1,2
1,4
Vcc=5V
Load=150
Ω
Frequency (Hz)
-5
-4
-3
-2
-1
01234
5
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
SR-
SR+
Vcc=5V
Load=150
Ω
Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com