Electronic Components Datasheet Search
  English  ▼

X  

TSH343 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH343
Description  280MHz Single - Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH343 Datasheet HTML 1Page - STMicroelectronics TSH343 Datasheet HTML 2Page - STMicroelectronics TSH343 Datasheet HTML 3Page - STMicroelectronics TSH343 Datasheet HTML 4Page - STMicroelectronics TSH343 Datasheet HTML 5Page - STMicroelectronics TSH343 Datasheet HTML 6Page - STMicroelectronics TSH343 Datasheet HTML 7Page - STMicroelectronics TSH343 Datasheet HTML 8Page - STMicroelectronics TSH343 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2006
Rev. 2
1/14
14
TSH343
280MHz Single-Supply Triple Video Buffer
■ Bandwidth: 280MHz
■ 5V single-supply operation
■ Internal input DC level shifter
■ No input capacitor required
■ Internal gain of 6dB for a matching between 3
channels
■ Very low harmonic distortion
■ Slew rate: 780V/
µs
■ Specified for 150
Ω and 100Ω loads
■ Tested on 5V power supply
■ Data min. and max. are tested during
production
Description
The TSH343 is a triple single-supply video buffer
featuring an internal gain of 6dB and a large
bandwidth of 280MHz.
The main advantage of this circuit is that its input
DC level shifter allows for video signals on 75
Ω
video lines without damage to the synchronization
tip of the video signal, while using a single 5V
power supply with no input capacitor. The DC
level shifter is internally fixed and optimized to
keep the output video signals between low and
high output rails in the best position for the
greatest linearity.
Chapter 4 of this datasheet
gives technical support when using the TSH343
as Y-Pb-Pr driver for video DAC output on a video
line (see TSH344 for RGB signals).
The TSH343 is available in the compact SO8
plastic package for optimum space-saving.
Pin Connections (top view)
Applications
■ High-end video systems
■ High Definition TV (HDTV)
■ Broadcast and graphic video
■ Multimedia products
Order Codes
Top View
OUT2
1
IN2
OUT1
+Vcc
2
3
7
8
OUT3
IN1
4
6
IN3
GND
SO8
Pin1 identification
5
DC Shifter
6dB
6dB
6dB
Part Number
Temperature Range
Package
Packing
Marking
TSH343ID
-40°C to +85°C
SO-8
Tube
TSH343I
TSH343IDT
Tape & Reel
TSH343I
www.st.com


Similar Part No. - TSH343

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH343 STMICROELECTRONICS-TSH343 Datasheet
313Kb / 17P
280MHz single-supply triple video buffer
07-Mar-2007
TSH343ID STMICROELECTRONICS-TSH343ID Datasheet
313Kb / 17P
280MHz single-supply triple video buffer
07-Mar-2007
TSH343IDT STMICROELECTRONICS-TSH343IDT Datasheet
313Kb / 17P
280MHz single-supply triple video buffer
07-Mar-2007
TSH343 STMICROELECTRONICS-TSH343_07 Datasheet
313Kb / 17P
280MHz single-supply triple video buffer
07-Mar-2007
More results

Similar Description - TSH343

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8013 AD-AD8013 Datasheet
319Kb / 12P
Single Supply, Low Power, Triple Video Amplifier
REV.A
AD813 AD-AD813 Datasheet
550Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV.B
logo
STMicroelectronics
TSH344 STMICROELECTRONICS-TSH344 Datasheet
222Kb / 14P
340MHz Single-Supply Triple Video Buffer
Jan-2006
TSH343 STMICROELECTRONICS-TSH343_07 Datasheet
313Kb / 17P
280MHz single-supply triple video buffer
07-Mar-2007
TSH344 STMICROELECTRONICS-TSH344_07 Datasheet
298Kb / 17P
340MHz single-supply triple video buffer
14-Mar-2007
logo
Analog Devices
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_15 Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
Single Supply, Low Power Triple Video Amplifier
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com