Electronic Components Datasheet Search
  English  ▼

X  

PER35 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PER35
Description  35 mm Low Profile Incremental Ring Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PER35 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PER35 Datasheet HTML 1Page - Bourns Electronic Solutions PER35 Datasheet HTML 2Page - Bourns Electronic Solutions PER35 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PER35 - 35 mm Low Profile Incremental Ring Encoder
Features
n
Lowprofileincrementalencoder
n
High-classrotationalfeel
n
Hapticdetentfeedback
n
RoHScompliant*
Electrical Characteristics
Output������������������3-phase quadrature code
Contact Rating������������������� 1 mA @ 5 V DC
Insulation Resistance
�������������������������100 Mohms @ 250 V DC
Dielectric Withstanding Voltage
Sea Level����������������������������������300 V AC
Electrical Travel �������������������������Continuous
Contact Bounce����������������������� 3 ms max�**
Environmental Characteristics
Operating Temperature����� -30 °C to +80 °C
Storage Temperature�������� -40 °C to +85 °C
IP Rating��������������������������������������������� IP 40
Mechanical Characteristics
RPM (Operating) ����������������������������60 max�
Mechanical Angle �������������360 ° continuous
Detent Torque���������������������50 to 200 gf-cm
Rotational Life������������������������50,000 cycles
Soldering Condition
Wave Soldering������ 230 °C for 3 seconds
Manual Soldering��� 300 °C for 3 seconds
Product Dimensions
D
C
A
B
12
(.472)
2 PLCS.
36.5
(1.437)
3.5
(.138)
18.5
(.728)
18.5
(.728)
14.1
(.555)
90 °
20 °
29.4
(1.157)
14.7
(.579)
4.5
(.177)
15
(.591)
35
(1.378)
DIA.
3.5
(.138)
2 PLCS.
35
(1.378)
DIA.
3 ± 0.1
(.118 ± .004)
3 ±0.1/-0
(.118 ±.004/-0)
3 PLCS.
4 +0.2/-0
(.157 +.008/-0)
2 PLCS.
23.8 ± 0.1
(.937 ± .004)
DIA.
25.2 ± 0.2
(.992 ± .008)
DIA.
23.2 ± 0.1
(.913 ± .004)
CENTER HOLE DETAIL
2 ± 0.1
(.079 ± .004)
3 +0.2/-0
(.118 +.008/-0)
4 PLCS.
2.5
(.098)
DIA. 3 PLCS.
1.5
(.059)
DIA.
5
(.197)
3
(.118)
1 ± 0.1
(.039 ± .004)
5.2 ± 0.1
(.205 ± .004)
90 °
4 PLCS.
11.2 ± 0.1
(.441 ± .004)
28.8 ± 0.1
(1.134 ± .004)
DIA.
1.5 +0/-0.1
(.059 +0/-.004)
DIA.
6.5 ± 0.1
(.256 ± .004)
3 PLCS.
3 PLCS.
Quadrature Output Table
A Signal
B Signal
C Signal
OFF
ON
OFF
ON
OFF
ON
CW
CCW
30 Detents / 10 Pulses
Suggested Filter Circuit
5K
5 V DC
5K
5K
TERMINAL A
TERMINAL C
ENCODER
TERMINAL D
TERMINAL B
DIMENSIONS:
MM
(INCHES)
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT
* RoHSDirective2015/863,Mar31,2015andAnnex.
** Devicesaretestedusingstandardnoisereductionfilters.
Foroptimumperformance,designersshouldusenoisereductionfiltersintheircircuits.
Specificationsaresubjecttochangewithoutnotice.Usersshouldverifyactualdeviceperformanceintheirspecific
applications.Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthe
lastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - PER35

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PER EDI-PER Datasheet
56Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
logo
AAEON Technology
PER-1100 AAEON-PER-1100 Datasheet
263Kb / 1P
Riser card for EMB-830
PER-1110 AAEON-PER-1110 Datasheet
281Kb / 1P
Riser Card For Compact Board And Mini-ITX Series
PER-A123 AAEON-PER-A123 Datasheet
275Kb / 2P
gigabit ethernet
PER-A133 AAEON-PER-A133 Datasheet
275Kb / 2P
gigabit ethernet
More results

Similar Description - PER35

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
12 mm Incremental Encoder
PER28 BOURNS-PER28 Datasheet
405Kb / 2P
28 mm Low Profile Incremental Ring Encoder
PER56 BOURNS-PER56 Datasheet
458Kb / 3P
56 mm Low Profile Incremental Ring Encoder
PER21 BOURNS-PER21 Datasheet
382Kb / 3P
PER21 - 21 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER23 BOURNS-PER23 Datasheet
384Kb / 3P
PER23 - 23 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER60 BOURNS-PER60 Datasheet
494Kb / 3P
PER60 - 60 mm Low Profile Incremental Ring Encoder
12/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com