Electronic Components Datasheet Search
  English  ▼

X  

PER35 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PER35
Description  35 mm Low Profile Incremental Ring Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PER35 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PER35 Datasheet HTML 1Page - Bourns Electronic Solutions PER35 Datasheet HTML 2Page - Bourns Electronic Solutions PER35 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PER35 - 35 mm Low Profile Incremental Ring Encoder
Cross Section
Recommended PCB Layout
E
E
A
D
C
B
12
(.472)
2 PLCS.
35
(1.378)
DIA.
SECTION E-E
35
(1.378)
0.8
(.031)
4 PLCS.
9 ± 0.1
(.354 ± .004)
4 PLCS.
1.5 +.1/-0
(.059 +.004/-0)
DIA. 2 PLCS.
1 +.1/-0
(.039 +.004/-0)
DIA. 4 PLCS.
A
C
D
B
14.7
(.579)
37
(1.457)
36
(1.417)
5
(.197)
5.1
(.201)
2 PLCS.
3
(.118)
3 PLCS.
3
(.118)
90 °
20 °
90 °
R 0.75
(.03)
4 PLCS.
1.5
(.059)
3 PLCS.
4.4
(.173)
4 PLCS.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
04/21
How To Order
PER35 1 - P1 15 - N 0010
Model
Number of Units
1 = Single
Orientation
P = PC Pins
Down Facing
Detent Option
1 = 30 Detents (10 Pulses)
Ring Height
15 = 15 mm
Switch Configuration
N = No Switch
Resolution
0010 = 10 Pulses per 360 ° Rotation
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Shaft Detail
3 +0.1/-0
(.118 +.004/-0)
3 PLCS.
120 ° ± 0.1 °
3 PLCS.
13.7
(.539)
R:
Asia-Pacific: Tel: +886-2 2562-4117
Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877
Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com