Electronic Components Datasheet Search
  English  ▼

X  

MHW01 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # MHW01
Description  Mounting aid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

MHW01 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  MHW01 Datasheet HTML 1Page - Pepperl+Fuchs Inc. MHW01 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mounting aid
MHW 01
< Suitable for VariKont and VariKont L sensors
< Aluminum profile, pre-mounted
< For mounting on support profiles in conveying technology
(available for different types of profiles)
< Simple and fast mounting
< Sensor position adjustable in all 3 axial directions
< Sensor can be mounted length or crosswise on the profile section
< All fixing components are provided with captive screws
Modular mounting bracket
Dimensions
44
155
Technical Data
Mechanical specifications
Material
Extruded aluminum profile
Dimensions
Profile rail 1 for the installation of the mounting bracket: 155 mm
Profile rail 2 for positioning the mounting bracket for the supporting profile: [*PD-
Z02209A*]
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - MHW01

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
MHW01-500 PF-MHW01-500 Datasheet
455Kb / 2P
Mounting aid
More results

Similar Description - MHW01

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
CM-12 PF-CM-12 Datasheet
335Kb / 2P
Mounting aid
CM-18 PF-CM-18 Datasheet
336Kb / 2P
Mounting aid
MH01-M18 PF-MH01-M18 Datasheet
249Kb / 2P
Mounting aid
MH02-L PF-MH02-L Datasheet
1Mb / 2P
Mounting aid
MH04-2681F PF-MH04-2681F Datasheet
192Kb / 1P
Mounting aid
MH04-3505 PF-MH04-3505 Datasheet
468Kb / 1P
Mounting aid
MH05-SACB-4 PF-MH05-SACB-4 Datasheet
281Kb / 1P
Mounting aid
MH05-SACB-8 PF-MH05-SACB-8 Datasheet
270Kb / 1P
Mounting aid
MH-EXG-12 PF-MH-EXG-12 Datasheet
420Kb / 2P
Mounting aid
MHW11 PF-MHW11 Datasheet
134Kb / 1P
Mounting aid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com