Electronic Components Datasheet Search
  English  ▼

X  

MHW01 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # MHW01
Description  Mounting aid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

MHW01 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  MHW01 Datasheet HTML 1Page - Pepperl+Fuchs Inc. MHW01 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MHW 01
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Mounting aid
Installation
• Position the sliding block on the serrated side of profile rail 1 in the centre slot of profile rail 2.
• To form the mounting bracket, position the profiles at right angles to each other, by engaging the serrations.
• Stabilise the mounting bracket by tightening the cylindrical head screw on the end.
• Place the mounting bracket on the surface of the supporting profile (A) and twist the bracket by its ends (B) until it engages
behind the flanges in the supporting profile.
• Align the mounting bracket.
• Secure the profile rail on the supporting profile by means of the clamping screw (C).
• Insert the two M5 x 18 screws (for VariKont Sensors) or M5 x 42 (for VariKont L Sensors) in the base of the sensor and pre-
mount the sliding blocks.
• Insert the sliding blocks into the two grooves in the profile rail 1.
• Position the sensor as required and clamp it.
Note:
With some applications the installation is easier if the sensor is pre-mounted on the profile section before the mounting bracket is
assembled and mounted on the supporting profile.
Supplied accessories
Modular mounting bracket MHW ..., consisting of
• 1 profile rail 1 (155 mm) for installation of the mounting bracket, pre-mounted with clamp, clamping plate, sliding block and
cylindrical head screw (M6 x 155/DIN 912)
• 1 profile rail 2 (length H) for positioning the mounting bracket on the supporting profile, pre-mounted with sliding block and
cylindrical head screw (M6 x 20 / DIN 912)
• 2 sliding blocks (M5) for the installation of the sensor
• 2 cylindrical head screws (M5 x 18/DIN 84) for VariKont Sensors
• 2 cylindrical head screws (M5 x 42/DIN 84) for VariKont L Sensors
Mounting
Scope of Delivery
Mounting
VariKont L installed on the
C
Installation of the mounting
bracket on the supporting
A
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com