Electronic Components Datasheet Search
  English  ▼

X  

MH1RT Datasheet(PDF) 3 Page - ATMEL Corporation

Part # MH1RT
Description  Radiation Tolerant 0.35 um CMOS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1RT Datasheet(HTML) 3 Page - ATMEL Corporation

  MH1RT Datasheet HTML 1Page - ATMEL Corporation MH1RT Datasheet HTML 2Page - ATMEL Corporation MH1RT Datasheet HTML 3Page - ATMEL Corporation MH1RT Datasheet HTML 4Page - ATMEL Corporation MH1RT Datasheet HTML 5Page - ATMEL Corporation MH1RT Datasheet HTML 6Page - ATMEL Corporation MH1RT Datasheet HTML 7Page - ATMEL Corporation MH1RT Datasheet HTML 8Page - ATMEL Corporation MH1RT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MH1RT QualPack
Rev.2 – Jan. 2002
3
2. General Information
Product Name:
MH1RT
Function:
ASIC Sea of Gates
1.6 million gates, 596 pins
200 KRAD Total Dose capability
Wafer Process:
CMOS 0.35
µm Rad Tolerant, 4 metal levels
Available Package Types
PQFP, PowerQuad, L/TQFP,PLCC, PBGA, Super PBGA
CPGA,CQFP, MQFPF, CLGA
Other Forms: Die, Wafer
Locations:
Process Development
Atmel Rousset, France
Atmel Nantes, France
Product Development
Atmel Nantes, France
Wafer Plant
Atmel Rousset, France
QC Responsibility
Atmel Nantes, France
Probe Test
Atmel Nantes, France
Assembly
Atmel Grenoble, France (except plastic)
Final Test
Atmel Nantes, France
Lot Release
Atmel Nantes, France
Shipment Control
Atmel Nantes, France
Quality Assurance
Atmel Nantes, France
Reliability Testing
Atmel Nantes, France
Failure Analysis
Atmel Nantes, France
Quality Management
Atmel Nantes, France
Signed: Pascal LECUYER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com