Electronic Components Datasheet Search
  English  ▼

X  

MH1RT Datasheet(PDF) 5 Page - ATMEL Corporation

Part # MH1RT
Description  Radiation Tolerant 0.35 um CMOS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1RT Datasheet(HTML) 5 Page - ATMEL Corporation

  MH1RT Datasheet HTML 1Page - ATMEL Corporation MH1RT Datasheet HTML 2Page - ATMEL Corporation MH1RT Datasheet HTML 3Page - ATMEL Corporation MH1RT Datasheet HTML 4Page - ATMEL Corporation MH1RT Datasheet HTML 5Page - ATMEL Corporation MH1RT Datasheet HTML 6Page - ATMEL Corporation MH1RT Datasheet HTML 7Page - ATMEL Corporation MH1RT Datasheet HTML 8Page - ATMEL Corporation MH1RT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MH1RT QualPack
Rev.2 – Jan. 2002
5
3.2 Product Design
Pad size opening
80
µm * 100µm
Logic Effective Channel Length
0.35
µm
Gate Poly Width
0.35
µm
Gate Poly Spacing
0.49
µm
Metal 1 Width
0.42
µm
Metal 1 Spacing
0.49
µm
Metal 2 Width
0.56
µm
Metal 2 Spacing
0.49
µm
Metal 3 Width
0.56
µm
Metal 3 Spacing
0.49
µm
Metal 4 Width
0.56
µm
Metal 4 Spacing
0.49
µm
Contact Size
0.35
µm
Contact Spacing
0.49
µm
Via 1 Size
0.42
µm
Via 2 Size
0.42
µm
Test Vehicles:
Die Size:
5280*8130 (42.9mm²)
Pad Size
80
µm * 100µm
Code:
EV29
Mask:
A5500
Number of metal levels:
3
Die Size:
13097*13097 (169.78mm²)
Pad Size
80
µm * 100µm
Code:
DRAF (MH242S)
Mask:
A5544
Number of metal levels:
4
Die Size:
6601*6601 (30.9mm²)
Pad Size
90
µm * 90µm
Code:
65809E
Mask:
A5552
Number of metal levels:
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com