Electronic Components Datasheet Search
  English  ▼

X  

MSP40 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MSP40
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP40 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MSP40 Datasheet HTML 1Page - M-System Co.,Ltd. MSP40 Datasheet HTML 2Page - M-System Co.,Ltd. MSP40 Datasheet HTML 3Page - M-System Co.,Ltd. MSP40 Datasheet HTML 4Page - M-System Co.,Ltd. MSP40 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MSP40
MSP40 SPECIFICATIONS
ES-4883 Rev.0 Page 4/5
http://www.m-system.co.jp/
COMMUNICATION CABLE CONNECTIONS
Master Unit
DA
DB
DG
MSP40
DA
DB
DG
I/O Unit
Terminating resistor
Terminating resistor
Terminating resistors can be turned ON/OFF on the programming unit (model: PU-2x).
Tx+/Rx+
Tx-/Rx-
SG
EXTERNAL DIMENSIONS unit: mm (inch)
42 (1.65)
118 (4.65)
73 (2.87)
M3 screw terminals
36 -0.1
0
12 -0.25
0
66 (2.60) dia.
96 (3.78)
22 (.87)
Wiring conduits (4-G1/2)
Terminal Box
The dimension in [
] is when the stroke is set to 5 to 10 mm.
Terminal Box cover
YOKE surface
A
4–M5 10 (.39) deep
(45)
Bottom View from arrow A direction
M (See the Table below)
dia.
OUTPUT STEM HOLE SIZE M
CODE
DIA.
PITCH
DEPTH
6
M 6
0.75
8
M 8
1.0
1
M10
1.25
15
D
M 6
1.0
E
M 8
1.25
F
M10
1.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com