Electronic Components Datasheet Search
  English  ▼

X  

MSP40 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MSP40
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP40 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MSP40 Datasheet HTML 1Page - M-System Co.,Ltd. MSP40 Datasheet HTML 2Page - M-System Co.,Ltd. MSP40 Datasheet HTML 3Page - M-System Co.,Ltd. MSP40 Datasheet HTML 4Page - M-System Co.,Ltd. MSP40 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MSP40
MSP40 SPECIFICATIONS
ES-4883 Rev.0 Page 2/5
http://www.m-system.co.jp/
Housing material: Aluminum alloy (type: ADC12)
• Terminal box: Aluminium casting (type: AC2A)
Drive: Stepping motor
Position detection: Conductive potentiometer
Lower end position adjustment (zero): 0 to 25%
Upper end position adjustment (span): 50 to 100%
Deadband adjustment: 0.1 – 5.0 %
Restart limiting timer adjustment: 0.0 – 30.0 sec.
Isolation: Power or I/O signal to Retract/UP signal to
Extend/DOWN signal to alarm output to communication to
housing
Protective function: Excessive thrust protection (functions
e.g. when the output stem is locked)
Status Indicator LEDs
• PWR: Green LED turns on while power is supplied.
• INP: Green LED turns on while input signal is normally
applied.
• STA: Green LED blinks while Auto-setup is perofrmed.
• COM: Green LED blinks during Modbus communication
• ALM: Red LED turns on or blinks when an error occurs
(refer to the Users Manual (EM-4883) for details)
■ ACTION MODE: Reverse / Direct
(Configured with Dip switches or PU-2x)
· Output stem moves toward the upper-end side as input signal
increases, then stops (Reverse).
· Output stem moves toward the lower-end side as input signal
increases, then stops (Direct).
Action
Input signal
Output signal
Reverse
4-20 mA DC
4-20 mA DC
1-5 V DC
1-5 V DC
Direct
20-4 mA DC
20-4 mA DC
5-1 V DC
5-1 V DC
■ Operation direction
Action
Input signal
Output stem operation direction
Reverse
4 mA DC
DOWN (extending)
20 mA DC
UP (rectracting)
Direct
20 mA DC
DOWN (extending)
4 mA DC
UP (rectracting)
MODBUS COMMUNICATION
Communication: Half-duplex, asynchronous, no procedure
Standard: TIA/EIA-485-A compatible
Transmission distance: 500 meters max.
Baud rate: 4800, 9600, 19200, 38400 bps
(ex-factory setting: 38400 bps)
Protocol: Modbus RTU
Node address: 1 to 247 (ex-factory setting: 1)
Parity: odd
Stop bit: 1
Max. number of nodes: 31 (excluding master)
Transmission media: Shielded twisted-pair cable (CPEV-S
0.9 dia.)
Internal terminating resistor: 120 Ω
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated (250 Ω)
■ DC Voltage
Input resistance: 200 kΩ min.
OUTPUT SPECIFICATIONS
■ Operation Time & Thrust (at rated power voltage)
(Model: Operation Time: Thrust)
MSP40-x3: 5 sec. / 10 mm: 150 N (33.5 lbf)
MSP40-x4: 9 sec. / 10 mm: 300 N (67 lbf)
MSP40-x7: 18 sec. / 10 mm: 700 N (157 lbf)
■ Singal output
• 4-20 mA DC or 20-4 mA DC (non-isolated)
Load resistance: 550 Ω max.
• 1-5 V DC or 5-1 V DC (non-isolated)
Load resistance: 5000 Ω min.
■ Alarm output (triggerd when the output stem is locked)
• Output type: Photo MOSFET relay
• Rated load: 160 V 150 mA AC/DC at peak
• ON resistance: 8 Ω max.
• Leakage current during opening/closing: 2 μA max.
■ Rectract/UP signal and Extend/DOWN signal output
• Output type: Photo MOSFET relay
• Rated load: 160 V 150 mA AC/DC at peak
• ON resistance: 8 Ω max.
• Leakage current during opening/closing: 2 μA max.
INSTALLATION
Current consumption: Approx. 0.6 A
Operating temperature: -5 to 55°C or 23 to 131°F (when
operating at 50 % duty cycle or less; without considering
direct sunlight, radiant heat, or heat transmission)
Operating humidity: 30 to 85 %RH (non-condensing)
Vibration resistance
• Sweep endurance test (according to IEC 61298-3)
Acceleration: 19.6 m/s2 (2 G)
Frequency: 10 to 1000 Hz
Cycle: 20 cycles
Sweep rate: 1 oct./min.
Testing time: approx. 4 hr 30 min
Direction: X, Y, Z
Mounting position: All directions
Prevent water from accumulating around the output stem.
Weight: 1.9 kg (4.2 lb)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com