Electronic Components Datasheet Search
  English  ▼

X  

WM2130CDT Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM2130CDT
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDT Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM2130CDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 9Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 10Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 11Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 12Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 13Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
WM2130
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
10
FULL EXTERNAL REFERENCE MODE (MODE = AGND)
When MODE is connected to AGND, the WM2130 operates in full external reference mode. The
internal reference buffer is powered down and bypassed, so that the ADC core takes the user-
supplied reference voltages at pins REFTS and REFBS (REFTS and REFBS are internally
connected to REFTF and REFBF). The mean of REFTF and REFBF must be equal to AVDD/2. Only
single-ended input is possible in this mode.
REFTS
REFBS
AIN
REFTF
REFBF
ADC
CORE
SAMPLE
AND
HOLD
-1/2
+1
-1/2
INTERNAL
REFERENCE
BUFFER
Figure 6 ADC Reference Generation in Full External Mode
The full external mode of operation is useful when the application requires more accurate or lower
drift reference voltages than the WM2130 can provide, or when devices need to share common
reference voltages for best ADC matching. It also offers the possibility of using REFTS and REFBS
as sense lines to drive the REFTF and REFBF lines (Kelvin mode) to eliminate any voltage drops
from remote references within the system (see Figure 7). In Kelvin configurations, take care when
choosing the external op-amps to ensure that they can drive large capacitive loads without
oscillating.
Although the on-chip reference generator is not used by the WM2130 in full external mode, its output
is available on the VREF pin and can be used by other parts of the system. Note that in addition to
the internal connections from REFTS to REFTF and REFBS to REFBF, external wire connections
must also be made as shown in Figure 8 to minimise resistance (except in Kelvin mode).
AVDD/2
AVDD
AIN
MODE
REFSENSE
DC SOURCE =
AVDD/2 + [(+FS) - (-FS)] * GAIN/2
DC SOURCE =
AVDD/2 - [(+FS) - (-FS)] * GAIN/2
REFTF
REFBF
+FS
-FS
REFTS
REFBS
0.1µF
10µF
0.1µF
0.1µF
Figure 7 Full External Reference Mode (Reference Generator Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com