Electronic Components Datasheet Search
  English  ▼

X  

WM2130CDT Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM2130CDT
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDT Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM2130CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 9Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 10Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 11Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 12Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 13Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 14Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Production Data
WM2130
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
11
AVDD/2
AVDD
AIN
MODE
REFSENSE
REFTF
REFBF
+FS
-FS
REFTS
REFBS
-
+
+
-
REFT =
AVDD/2 + [(+FS) - (-FS)] * GAIN/2
REFB =
AVDD/2 - [(+FS) - (-FS)] * GAIN/2
0.1µF
10µF
0.1µF
0.1µF
0.1µF
0.1µF
Figure 8 Full External Mode with Kelvin connections (Reference Generator Disabled)
DIFFERENTIAL MODE (MODE = AVDD/2)
The WM2130 operates in differential mode when the voltage at the MODE pin is AVDD/2 (mid-
supply). The ADC reference voltages REFTF and REFBF are generated by the internal reference
buffer from VREF. Depending on the connection of the REFSENSE pin, VREF may be supplied by the
on-chip reference generator or driven by an external source, as discussed under ‘On-chip Reference
Voltage Generation’, below. REFTF and REFBF are centred around AVDD/2 by the internal
reference buffer and the voltage difference between them equals VREF.
REFTS
REFBS
AIN
REFTF
REFBF
ADC
CORE
INTERNAL
REFERENCE
BUFFER
= AVDD + VREF
2
= AVDD - VREF
2
VREF
AGND
SAMPLE
AND
HOLD
-1/2
+1
-1/2
Figure 9 ADC Reference Generation in Differential Mode
This mode is suitable for handling differentially presented inputs, which are applied to the AIN and
REFTS/REFBS pins. A special case of differential mode is centre span mode, in which the user
applies a single-ended signal to AIN and applies the mid-scale input voltage (VM) to the REFTS and
REFBS pins.
AVDD/2
AIN
REFSENSE
REFTF
REFBF
+FS
-FS
REFTS
REFBS
0.1µF
10µF
0.1µF
0.1µF
VREF
MODE
Figure 10 Differential Mode, 1V Reference Span



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com