Electronic Components Datasheet Search
  English  ▼

X  

INA237-Q1 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # INA237-Q1
Description  INA237-Q1 AEC-Q100, 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237-Q1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button INA237-Q1 Datasheet HTML 31Page - Texas Instruments INA237-Q1 Datasheet HTML 32Page - Texas Instruments INA237-Q1 Datasheet HTML 33Page - Texas Instruments INA237-Q1 Datasheet HTML 34Page - Texas Instruments INA237-Q1 Datasheet HTML 35Page - Texas Instruments INA237-Q1 Datasheet HTML 36Page - Texas Instruments INA237-Q1 Datasheet HTML 37Page - Texas Instruments INA237-Q1 Datasheet HTML 38Page - Texas Instruments INA237-Q1 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
In applications that do not have large energy storage, electrolytic capacitors on one or both sides of the shunt,
an input overstress condition may result from an excessive dV/dt of the voltage applied to the input. A hard
physical short is the most likely cause of this event. This problem occurs because an excessive dV/dt can
activate the ESD protection in the device in systems where large currents are available. Testing demonstrates
that the addition of 10-Ω resistors in series with each input of the device sufficiently protects the inputs against
this dV/dt failure up to the 40-V maximum differential voltage rating of the device. Selecting these resistors in the
range noted has minimal effect on accuracy.
<100
<100
IN+
IN-
VBUS
VS
GND
100 nF
VS = 2.7V± 5.5V
Load
Load
Supply
CFILTER
0.1µF to 1µF
RFILTER
RDIFF
RSHUNT
Figure 8-1. Input Filtering
Do not use values greater than 100 ohms for RFILTER. Doing so will degrade gain error and increase non-
linearity.
8.2 Typical Application
The low offset voltage and low input bias current of the INA237-Q1 allow accurate monitoring of a wide range
of currents. To accurately monitor currents with high resolution, select the value of the shunt resistor so that the
resulting sense voltage is close to the maximum allowable differential input voltage range (either ±163.84 mV
or ±40.96 mV, depending on register settings). The circuit for monitoring currents in a high-side configuration is
shown in Figure 8-2.
IN+
IN-
VBUS
V
S
A0
A1
SCL
SDA
ALERT
GND
R
SHUNT
48V
BATT
GND
10k
100 nF
V
S = 2.7V
± 5.5V
V
S
I
2C
I/F
LOAD
CHARGER
10k
10k
To
MCU
*
* I
2C ADDR: 0x40
Figure 8-2. INA237-Q1 High-Side Sensing Application Diagram
8.2.1 Design Requirements
The INA237-Q1 measures the voltage developed across a current-sensing resistor (RSHUNT) when current
passes through it. The device also measures the bus supply voltage and calculates power when calibrated. It
also comes with alert capability, where the alert pin can be programmed to respond to a user-defined event or a
conversion ready notification.
The design requirements for the circuit shown in Figure 8-2 are listed in Table 8-3.
www.ti.com
INA237-Q1
SBOSA27A – JUNE 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: INA237-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com