Electronic Components Datasheet Search
  English  ▼

X  

INA237-Q1 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # INA237-Q1
Description  INA237-Q1 AEC-Q100, 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237-Q1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button INA237-Q1 Datasheet HTML 32Page - Texas Instruments INA237-Q1 Datasheet HTML 33Page - Texas Instruments INA237-Q1 Datasheet HTML 34Page - Texas Instruments INA237-Q1 Datasheet HTML 35Page - Texas Instruments INA237-Q1 Datasheet HTML 36Page - Texas Instruments INA237-Q1 Datasheet HTML 37Page - Texas Instruments INA237-Q1 Datasheet HTML 38Page - Texas Instruments INA237-Q1 Datasheet HTML 39Page - Texas Instruments INA237-Q1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Table 8-3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
5 V
Bus supply rail (VCM)
48 V
Bus supply rail over voltage fault threshold
52 V
Average Current
6 A
Overcurrent fault threshold (IMAX)
10 A
ADC Range Selection (VSENSE_MAX)
±163.84 mV
Temperature
25 ºC
8.2.2 Detailed Design Procedure
8.2.2.1 Select the Shunt Resistor
Using values from Table 8-3, the maximum value of the shunt resistor is calculated based on the value of
the maximum current to be sensed (IMAX) and the maximum allowable sense voltage (VSENSE_MAX) for the
chosen ADC range. When operating at the maximum current, the differential input voltage must not exceed the
maximum full scale range of the device, VSENSE_MAX. Using Equation 5 for the given design parameters, the
maximum value for RSHUNT is calculated to be 16.38 mΩ. The closest standard resistor value that is smaller than
the maximum calculated value is 16.2 mΩ. Also keep in mind that RSHUNT must be able to handle the power
dissipated across it in the maximum load condition.
RSHUNT <
VSENSE_MAX
IMAX
(5)
8.2.2.2 Configure the Device
The first step to program the INA237-Q1 is to properly set the device and ADC configuration registers. On initial
power up the CONFIG and ADC_CONFIG registers are set to the reset values as shown in Table 7-5 and
Table 7-6. In this default power on state the device is set to measured on the ±163.84 mV range with the ADC
continuously converting the shunt voltage, bus voltage, and temperature. If the default power up conditions do
not meet the design requirements, these registers will need to be set properly after each VS power cycle event.
8.2.2.3 Program the Shunt Calibration Register
The shunt calibration register needs to be correctly programmed at each VS power up in order for the device
to properly report any result based on current. The first step in properly setting this register is to calculate the
LSB value for the current by using Equation 2. Applying this equation with the maximum expected current of 10
A results in an LSB size of 305.1758 μA. Applying Equation 1 to the Current_LSB and selected value for the
shunt resistor results in a shunt calibration register setting of 4050d (FD2h). Failure to set the value of the shunt
calibration register will result in a zero value for any result based on current.
8.2.2.4 Set Desired Fault Thresholds
Fault thresholds are set by programming the desired trip threshold into the corresponding fault register. The list
of supported fault registers is shown in Table 7-1.
An over current threshold is set by programming the shunt over voltage limit register (SOVL). The voltage that
needs to be programmed into this register is calculated by multiplying the over current threshold by the shunt
resistor. In this example the over current threshold is 10 A and the value of the current sense resistor is 16.2 mΩ,
which give a shunt voltage limit of 162 mV. Once the shunt voltage limit is known, the value for the shunt over
voltage limit register is calculated by dividing the shunt voltage limit by the shunt voltage LSB size.
In this example, the calculated value of the shunt over voltage limit register is 162 mV / 5 μV = 32400d (7E90h).
An over voltage fault threshold on the bus voltage is set by programming the bus over voltage limit register
(BOVL). In this example the desired over voltage threshold is 52 V. The value that needs to be programmed into
this register is calculated by dividing the target threshold voltage by the bus voltage fault limit LSB value of 3.125
mV. For this example, the target value for the BOVL register is 52 V / 3.125 mV = 16640d (4100h).
INA237-Q1
SBOSA27A – JUNE 2020 – REVISED JUNE 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA237-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com