Electronic Components Datasheet Search
  English  ▼

X  

INA239 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA239
Description  INA239-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA239 Datasheet(HTML) 1 Page - Texas Instruments

  INA239 Datasheet HTML 1Page - Texas Instruments INA239 Datasheet HTML 2Page - Texas Instruments INA239 Datasheet HTML 3Page - Texas Instruments INA239 Datasheet HTML 4Page - Texas Instruments INA239 Datasheet HTML 5Page - Texas Instruments INA239 Datasheet HTML 6Page - Texas Instruments INA239 Datasheet HTML 7Page - Texas Instruments INA239 Datasheet HTML 8Page - Texas Instruments INA239 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
INA239-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• High-resolution, 16-bit delta-sigma ADC
• Current monitoring accuracy:
– Offset voltage: ±5 µV (maximum)
– Offset drift: ±0.02 µV/°C (maximum)
– Gain error: ±0.1% (maximum)
– Gain error drift: ±25 ppm/°C (maximum)
– Common mode rejection: 140 dB (minimum)
• Power monitoring accuracy:
– 0.7% full scale, –40°C to +125°C (maximum)
• Fast alert response: 75 μs
• Wide common-mode range: –0.3 V to +85 V
• Bus voltage sense input: 0 V to 85 V
• Shunt full-scale differential range:
±163.84 mV / ±40.96 mV
• Input bias current: 2.5 nA (maximum)
• Temperature sensor: ±1°C (maximum at 25°C)
• Programmable conversion time and averaging
• 10-MHz SPI communication interface
• Operates from a 2.7-V to 5.5-V supply:
– Operational current: 640 µA (typical)
– Shutdown current: 5 µA (maximum)
2 Applications
• Automotive battery management systems
• EV / HEV A - KA sense applications
• DC/DC converters and power inverters
• ADAS domain controllers
3 Description
The INA239-Q1 is an ultra-precise digital power
monitor with a 16-bit delta-sigma ADC specifically
designed for current-sensing applications. The device
can measure a full-scale differential input of ±163.84
mV or ±40.96 mV across a resistive shunt sense
element with common-mode voltage support from –
0.3 V to +85 V.
The
INA239-Q1
reports
current,
bus
voltage,
temperature,
and
power,
all
while
performing
the needed calculations in the background. The
integrated temperature sensor is ±1°C accurate
for die temperature measurement and is useful in
monitoring the system ambient temperature.
The low offset and gain drift design of the INA239-
Q1 allows the device to be used in precise systems
that do not undergo multi-temperature calibration
during manufacturing. Further, the very low offset
voltage and noise allow for use in A to kA sensing
applications and provide a wide dynamic range
without significant power dissipation losses on the
sensing shunt element. The low input bias current
of the device permits the use of larger current-
sense resistors, thus providing accurate current
measurements in the micro-amp range.
The device allows for selectable ADC conversion
times from 50 µs to 4.12 ms as well as sample
averaging from 1x to 1024x, which further helps
reduce the noise of the measured data.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA239-Q1
VSSOP (10)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
MUX
Oscillator
Voltage
Current
Power
Temp
+
±
SCLK
MOSI
MISO
CS
VS
Power
GND
ALERT
IN+
IN-
VBUS
SPI
16 Bit
ADC
Reference
Out-of-range
Threshold
Simplified Block Diagram
INA239-Q1
SLYS028A – MAY 2020 – REVISED JUNE 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA239

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA239 TI-INA239 Datasheet
2Mb / 44P
INA239 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
INA239-Q1 TI1-INA239-Q1 Datasheet
826Kb / 32P
INA239-Q1 85-V, 16-Bit, Ultra-Precise Power Monitor With SPI Interface
INA239-Q1 TI-INA239-Q1 Datasheet
2Mb / 44P
INA239 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
INA239AIDGSR TI-INA239AIDGSR Datasheet
2Mb / 44P
INA239 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
INA239AIDGST TI-INA239AIDGST Datasheet
2Mb / 44P
INA239 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
More results

Similar Description - INA239

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA239-Q1 TI1-INA239-Q1 Datasheet
826Kb / 32P
INA239-Q1 85-V, 16-Bit, Ultra-Precise Power Monitor With SPI Interface
INA237-Q1 TI1-INA237-Q1 Datasheet
804Kb / 33P
INA237-Q1 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA238-Q1 TI1-INA238-Q1 Datasheet
804Kb / 33P
INA238-Q1 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
INA238 TI-INA238 Datasheet
2Mb / 49P
INA238 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
INA239 TI-INA239 Datasheet
2Mb / 44P
INA239 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
INA237 TI-INA237 Datasheet
2Mb / 45P
INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA228-Q1 TI-INA228-Q1_V01 Datasheet
2Mb / 50P
INA228-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA229-Q1 TI-INA229-Q1_V01 Datasheet
2Mb / 48P
INA229-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
INA237-Q1 TI-INA237-Q1_V01 Datasheet
2Mb / 48P
INA237-Q1 AEC-Q100, 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA238-Q1 TI-INA238-Q1_V01 Datasheet
2Mb / 48P
INA238-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com