Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA819
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA819 Datasheet(HTML) 1 Page - Texas Instruments

  INA819 Datasheet HTML 1Page - Texas Instruments INA819 Datasheet HTML 2Page - Texas Instruments INA819 Datasheet HTML 3Page - Texas Instruments INA819 Datasheet HTML 4Page - Texas Instruments INA819 Datasheet HTML 5Page - Texas Instruments INA819 Datasheet HTML 6Page - Texas Instruments INA819 Datasheet HTML 7Page - Texas Instruments INA819 Datasheet HTML 8Page - Texas Instruments INA819 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
INA597 High-Precision, Wide-Bandwidth e-trim™ Difference Amplifier
1 Features
• Low offset voltage: 200 μV (maximum)
• Low offset voltage drift: ±5 μV/°C (maximum)
• Low noise: 18 nV/√Hz at 1 kHz
• Low gain error: ±0.03% (maximum)
• High common-mode rejection: 88 dB (minimum)
• Wide bandwidth: 2-MHz GBW
• Low quiescent current: 1.1 mA per amplifier
• High slew rate: 18 V/μs
• High capacitive load drive capability: 500 pF
• Wide supply range:
– Single-supply: 4.5 V to 36 V
– Dual-supply: ±2.25 V to ±18 V
• Specified temperature range:
–40°C to +125°C
• Packages: 8-pin SOIC and VSSOP, 10-pin VSON
2 Applications
• Data acquisition (DAQ)
• Sensor modules and tags for asset tracking
• Flow transmitter
• Optical module
• Power supply module
• AC drive position feedback
• Servo drive position feedback
• Voltage conditioning module
3 Description
The
INA597
is
a
low-power,
wide-bandwidth,
difference amplifier for cost-sensitive applications.
The INA597 consists of a precision operational
amplifier (op amp) and a precision resistor network.
Excellent tracking of resistors maintains gain accuracy
and common-mode rejection over temperature.
Unique features such as low offset (200 μV,
maximum), low offset drift (5 μV/°C maximum) high
slew rate (18 V/μs), and high capacitive load drive
of up to 500 pF make the INA597 a robust,
high-performance difference amplifier for high-voltage
industrial applications.
The common-mode range of the internal op amp
extends to the negative supply, and enables the
device to operate in single-supply applications. The
device operates on single (4.5 V to 36 V) or dual
supplies (±2.25 V to ±18 V).
The difference amplifier is the foundation of many
commonly used circuits. The INA597 provides this
circuit function without using an expensive precision
resistor network.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA597
SOIC (8)
4.90 mm × 3.91 mm
VSON (10)
3.00 mm × 3.00 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
16 Bits Out
AIN
ADC
V+
V±
REF
OUT
+IN
±IN
+
±
SENSE
VCC
INA597
6 k
12 k
6 k
,1
±,1
1
V
V
V
OUT
2
˜
12 k
Differential Input Data Acquisition
Offset Voltage (PV)
-80
80
-60
-40
-20
0
20
40
60
20
15
10
5
0
D004
Typical Distribution of Offset Voltage (RTO)
G = 1/2, VS = ±18 V
www.ti.com
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: INA597
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA819

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA819 TI1-INA819 Datasheet
1Mb / 43P
35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 44P
35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
2Mb / 45P
INA819 35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI-INA819 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA819 TI-INA819 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results

Similar Description - INA819

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA727AIDGKT TI-OPA727AIDGKT Datasheet
1,017Kb / 28P
e-trim 20MHz, High Precision CMOS
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
logo
Texas Instruments
INA592 TI1-INA592 Datasheet
442Kb / 20P
High-Precision, Wide-Bandwidth e-trim Difference Amplifier
INA597 TI1-INA597 Datasheet
1Mb / 40P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V01 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V02 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V03 Datasheet
3Mb / 45P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA597 TI-INA597_V01 Datasheet
2Mb / 42P
INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA592 TI-INA592_V04 Datasheet
3Mb / 48P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
logo
Analog Devices
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
High Voltage, Precision Difference Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com