Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA819
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA819 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA819 Datasheet HTML 14Page - Texas Instruments INA819 Datasheet HTML 15Page - Texas Instruments INA819 Datasheet HTML 16Page - Texas Instruments INA819 Datasheet HTML 17Page - Texas Instruments INA819 Datasheet HTML 18Page - Texas Instruments INA819 Datasheet HTML 19Page - Texas Instruments INA819 Datasheet HTML 20Page - Texas Instruments INA819 Datasheet HTML 21Page - Texas Instruments INA819 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
7.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, G = 1/2 (unless otherwise noted)
Output Amplitude (VRMS)
0.0001
0.001
0.01
0.1
1
10m
100m
1
10
-40
-60
-80
-100
-120
D055
RL = 10 k:
RL = 2 k:
RL = 600 :
G = 1/2
Figure 7-55. THD+N Ratio vs Output Amplitude
Output Amplitude (VRMS)
0.0001
0.001
0.01
0.1
1
-40
-60
-80
-100
-120
10m
100m
1
10
D056
RL = 10 k:
RL = 2 k:
RL = 600 :
G = 2
Figure 7-56. THD+N Ratio vs Output Amplitude
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.98
1
1.02
1.04
1.06
1.08
1.1
D057
G = 1/2
30 units
Figure 7-57. Supply Current vs Temperature
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
1.06
1.07
D058
G = 2
30 units
Figure 7-58. Supply Current vs Temperature
Total Supply (V)
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D059
G = 1/2
30 units
Figure 7-59. Supply Current vs Supply Voltage
Total Supply (V)
0
5
10
15
20
25
30
35
40
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D060
G = 2
30 units
Figure 7-60. Supply Current vs Supply Voltage
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com