Electronic Components Datasheet Search
  English  ▼

X  

INA592IDR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA592IDR
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA592IDR Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA592IDR Datasheet HTML 25Page - Texas Instruments INA592IDR Datasheet HTML 26Page - Texas Instruments INA592IDR Datasheet HTML 27Page - Texas Instruments INA592IDR Datasheet HTML 28Page - Texas Instruments INA592IDR Datasheet HTML 29Page - Texas Instruments INA592IDR Datasheet HTML 30Page - Texas Instruments INA592IDR Datasheet HTML 31Page - Texas Instruments INA592IDR Datasheet HTML 32Page - Texas Instruments INA592IDR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
5
6
1
INA592
ADS7806
2
3
4
7
+5 V
–In
12 Bits
Out
0 V - 4 V
Input
+In
V
CM = 0 V to 8 V
tS = 45 µs (4 V Step to 0.01%)
Copyright © 2017, Texas Instruments Incorporated
Figure 9-8. Differential Input Data Acquisition
12 k
6 k
2
3
1
6
5
-IN
+IN
Vout
Vref
V+
7
4
6 k
12 k
50.1
R1
R2
R3
R4
50.1
RL
Iout = 4 to 20mA
INA592
Set R1 = R2
R1
R2
2N3904
12.5 k
1 k
50 k
0V to 10V
in
OPA192
2
+15V
REF10
6
4
10V
§
·
¨
¸
:
©
¹
IN
IN
2
1
1
Iout
2
40k
R
V
V
For 4-20mA applications,
The REF10 sets the 4 mA
low-scale output for 0 V input.
Figure 9-9. Precision Voltage-to-Current Conversion
www.ti.com
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com