Electronic Components Datasheet Search
  English  ▼

X  

INA592IDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA592IDR
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA592IDR Datasheet(HTML) 5 Page - Texas Instruments

  INA592IDR Datasheet HTML 1Page - Texas Instruments INA592IDR Datasheet HTML 2Page - Texas Instruments INA592IDR Datasheet HTML 3Page - Texas Instruments INA592IDR Datasheet HTML 4Page - Texas Instruments INA592IDR Datasheet HTML 5Page - Texas Instruments INA592IDR Datasheet HTML 6Page - Texas Instruments INA592IDR Datasheet HTML 7Page - Texas Instruments INA592IDR Datasheet HTML 8Page - Texas Instruments INA592IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
7.5 Electrical Characteristics: G = 1/2
at TA = 25°C, VS = ±2.25 V to ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ connected to ground, and REF pin connected to
ground (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE (RTO)(1)
VOS
Input offset voltage
RTO, VS = ±2.25 V to ±3 V, VCM = –3 V
±14
±40
µV
RTO, VS = ±3 V to ±18 V
±14
±40
dVOS/dT
Input offset voltage
drift
±0.7
±2.0
µV/°C
PSRR
Power-supply
rejection ratio
VS = ±3 V to ±18 V
±0.5
±5
µV/V
INPUT VOLTAGE
VCM
Common-mode
voltage
VO = 0 V
3[(V–)–0.1]
–2VREF
3(V+)–2VREF
V
CMRR
Common-mode
rejection ratio
RTO, 3 [(V−) – 0.1 V)]
≤ VCM ≤ 3 [(V+) – 3 V]
88
100
dB
TA = –40°C to
+125°C
82
90
RTO, 3 [(V+) – 1.5 V)]
≤ VCM ≤ 3 [(V+))]
88
100
TA = –40°C to
+125°C
72
90
INPUT IMPEDANCE(2)
zid
Differential
VO = 0 V
24
kΩ
zic
Common-mode
9
kΩ
GAIN
G
Initial
1/2
V/V
GE
Gain error
VO = –10 V to +10 V, VS = ±15 V
±0.01
±0.03
%
Gain drift(3)
±0.2
±0.5 ppm/°C
Gain nonlinearity
VO = –10 V to +10 V, VS = ±15 V
1
ppm
OUTPUT
VO
Output votlage
swing
Positive rail
(V+) – 170
(V+) – 220
mV
Negative rail
(V−) + 190
(V−) + 220
ISC
Short-circuit
current
±65
mA
NOISE
En
Output voltage
noise
f = 0.1 Hz to 10 Hz, RTO
3
μVpp
en
Output voltage
noise density
f = 1 kHz, RTO
18
nV/√Hz
FREQUENCY RESPONSE
BW
Small-signal –3
dB- bandwidth
2.0
MHz
SR
Slew rate
18
V/µs
tS
Settling time
To 0.1% of final value, VO = 10-V step
1
µs
To 0.01% of final value, VO = 10-V step
1.3
THD+N
Total harmonic
distortion + noise
f = 1 kHz, VO = 2.8 VRMS
0.00038
%
Noise floor, RTO
80-kHz bandwidth, VO = 3.5 VRMS
–116
dB
tDR
Overload recovery
time
200
ns
www.ti.com
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com