Electronic Components Datasheet Search
  English  ▼

X  

REF3425 Datasheet(PDF) 5 Page - Texas Instruments

Part # REF3425
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3425 Datasheet(HTML) 5 Page - Texas Instruments

  REF3425_V02 Datasheet HTML 1Page - Texas Instruments REF3425_V02 Datasheet HTML 2Page - Texas Instruments REF3425_V02 Datasheet HTML 3Page - Texas Instruments REF3425_V02 Datasheet HTML 4Page - Texas Instruments REF3425_V02 Datasheet HTML 5Page - Texas Instruments REF3425_V02 Datasheet HTML 6Page - Texas Instruments REF3425_V02 Datasheet HTML 7Page - Texas Instruments REF3425_V02 Datasheet HTML 8Page - Texas Instruments REF3425_V02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
6 Pin Configuration and Functions
Not to scale
OUT_F
OUT_S
IN
GND_F
GND_S
EN
1
2
3
6
5
4
Figure 6-1. REF34xx
DBV Package
6-Pin SOT-23
Top View
Not to scale
VOUT
NC
IN
NC
GND
NC
1
2
3
6
5
4
Figure 6-2. REF34xxT
DBV Package
6-Pin SOT-23
Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
REF34xx
(DBV)
REF34xxT
(DBV)
GND_F
1
Ground
Ground force connection.
GND_S
2
Ground
Ground sense connection.
GND
2
Ground
Device ground.
EN
3
Input
Enable connection. Enables or disables the device.
IN
4
4
Power
Input supply voltage connection.
OUT_S
5
Input
Reference voltage output sense connection.
OUT_F
6
Output
Reference voltage output force connection.
VOUT
6
Output
Reference voltage output connection.
NC
1,3,5
-
Not connected. Pin can be left floating or connected to voltage within device
operating range.
www.ti.com
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com