Electronic Components Datasheet Search
  English  ▼

X  

REF3425 Datasheet(PDF) 12 Page - Texas Instruments

Part # REF3425
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3425 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF3425_V02 Datasheet HTML 8Page - Texas Instruments REF3425_V02 Datasheet HTML 9Page - Texas Instruments REF3425_V02 Datasheet HTML 10Page - Texas Instruments REF3425_V02 Datasheet HTML 11Page - Texas Instruments REF3425_V02 Datasheet HTML 12Page - Texas Instruments REF3425_V02 Datasheet HTML 13Page - Texas Instruments REF3425_V02 Datasheet HTML 14Page - Texas Instruments REF3425_V02 Datasheet HTML 15Page - Texas Instruments REF3425_V02 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = 12 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Solder Heat Shift (%)
0
10%
20%
30%
40%
50%
D017
Refer to Section 8.1 for more information
Figure 7-19. Solder Heat Shift Distribution
0.5ms/div
1V/div
En
VOUT
D018
Figure 7-20. Turnon Time (Enable)
Time 1s/div
D08_
Figure 7-21. 0.1-Hz to 10-Hz Noise (VOUT)
Hours
0
100
200
300
400
500
600
700
800
900 1000
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
D022
Figure 7-22. Long Term Stability - 1000 hours (VOUT)
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com