Electronic Components Datasheet Search
  English  ▼

X  

REF3433 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # REF3433
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3433 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF3433 Datasheet HTML 10Page - Texas Instruments REF3433 Datasheet HTML 11Page - Texas Instruments REF3433 Datasheet HTML 12Page - Texas Instruments REF3433 Datasheet HTML 13Page - Texas Instruments REF3433 Datasheet HTML 14Page - Texas Instruments REF3433 Datasheet HTML 15Page - Texas Instruments REF3433 Datasheet HTML 16Page - Texas Instruments REF3433 Datasheet HTML 17Page - Texas Instruments REF3433 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
8.2 Long-Term Stability
One of the key parameters of the REF34xx references is long-term stability. Typical characteristic expressed
as: curves shows the typical drift value for the REF34xx is 25 ppm from 0 to 1000 hours. This parameter is
characterized by measuring 32 units at regular intervals for a period of 1000 hours. It is important to understand
that long-term stability is not ensured by design and that the output from the device may shift beyond the typical
25 ppm specification at any time. For systems that require highly stable output voltages over long periods of
time, the designer should consider burning in the devices prior to use to minimize the amount of output drift
exhibited by the reference over time.
Hours
0
100
200
300
400
500
600
700
800
900 1000
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
D022
Figure 8-3. Long Term Stability - 1000 hours (VOUT)
8.3 Thermal Hysteresis
Thermal hysteresis is measured with the REF34xx soldered to a PCB, similar to a real-world application.
Thermal hysteresis for the device is defined as the change in output voltage after operating the device at 25°C,
cycling the device through the specified temperature range, and returning to 25°C. The PCB was baked at
150°C for 30 minutes before thermal hysteresis was measured. Hysteresis can be expressed by Equation 1:
6
PRE
POST
HYST
NOM
| V
V
|
V
10
ppm
V
§
·
u
¨
¸
©
¹
(1)
where
• VHYST = thermal hysteresis (in units of ppm)
• VNOM = the specified output voltage
• VPRE = output voltage measured at 25°C pre-temperature cycling
• VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature
range of –40°C to +125°C and returns to 25°C.
Typical thermal hysteresis distribution is as shown in Figure 8-4 and Figure 8-5.
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com