Electronic Components Datasheet Search
  English  ▼

X  

REF3433 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # REF3433
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3433 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF3433 Datasheet HTML 14Page - Texas Instruments REF3433 Datasheet HTML 15Page - Texas Instruments REF3433 Datasheet HTML 16Page - Texas Instruments REF3433 Datasheet HTML 17Page - Texas Instruments REF3433 Datasheet HTML 18Page - Texas Instruments REF3433 Datasheet HTML 19Page - Texas Instruments REF3433 Datasheet HTML 20Page - Texas Instruments REF3433 Datasheet HTML 21Page - Texas Instruments REF3433 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
9.4 Device Functional Modes
9.4.1 EN Pin
When the EN pin of the REF34xx is pulled high, the device is in active mode. The device must be in active mode
for normal operation. The REF34xx can be placed in a low-power mode by pulling the enable pin, EN, low. When
in shutdown mode, the output of the device becomes high impedance and the quiescent current of the device
reduces to 2 µA in shutdown mode. The EN pin must not be pulled higher than VIN supply voltage. See the
Section 7.5 for logic high and logic low voltage levels.
9.4.2 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF34xx and OPA735 can be used
to provide a dual-supply reference from a 5-V supply. Figure 9-1 shows the REF34xx used to provide a 2.5-V
supply reference voltage. The low drift performance of the REF34xx complements the low offset voltage and
zero drift of the OPA735 to provide an accurate solution for split-supply applications. Take care to match the
temperature coefficients of R1 and R2.
-2.5 V
+2.5 V
+5 V
1
2
5
6
3
4
R
1
10 kΩ R
2
10 kΩ
-5 V
+5 V
OPA735
REF3425
Copyright © 2017, Texas Instruments Incorporated
Figure 9-1. REF34xx and OPA735 Create Positive and Negative Reference Voltages
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com