Electronic Components Datasheet Search
  English  ▼

X  

REF3440 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF3440
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3440 Datasheet(HTML) 1 Page - Texas Instruments

  REF3440 Datasheet HTML 1Page - Texas Instruments REF3440 Datasheet HTML 2Page - Texas Instruments REF3440 Datasheet HTML 3Page - Texas Instruments REF3440 Datasheet HTML 4Page - Texas Instruments REF3440 Datasheet HTML 5Page - Texas Instruments REF3440 Datasheet HTML 6Page - Texas Instruments REF3440 Datasheet HTML 7Page - Texas Instruments REF3440 Datasheet HTML 8Page - Texas Instruments REF3440 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
1 Features
• Initial accuracy: ±0.05% (maximum)
• Temperature coefficient : 6 ppm/°C (maximum)
• Operating temperature range: −40°C to +125°C
• Output current: ±10 mA
• Low quiescent current: 95 μA (maximum)
• Ultra-low zero load dropout voltage: 100 mV
(maximum)
• Wide input voltage: 12 V
• Output 1/f noise (0.1 Hz to 10 Hz): 3.8 µVp-p/V
• Excellent long-term stability 25 ppm/1000 hrs
• Multiple small footprint 6 pin SOT-23 package
pinouts: REF34xx and REF34xxT
2 Applications
• Data acquisition systems
• Analog I/O modules
• Field transmitters
• Lab & field instrumentation
• Servo drive control modules
• DC power supply, AC source, electronic load
Voltage Reference Recommendation for Data
Converters
VOLTAGE REFERENCE
ADC
RESOLUTION
(1)
DAC RESOLUTION
(1)
TL431LI, TLV431
10-b
8-b
LM4040, LM4050, REF30
12-b
10-b
REF31, REF33, REF4132
14-b to 16-b
12-b
REF34, REF50
16-b to 18-b
14-b to 16-b
REF70
18-b+
16-b+
(1)
For specific ADC/DAC recommendations, see SNAA320
3 Description
The REF34xx device is a low temperature drift
(6 ppm/°C), low-power, high-precision CMOS voltage
reference, featuring ±0.05% initial accuracy, low
operating current with power consumption less than
95 μA. This device also offers very low output noise of
3.8 μVp-p /V, which enables its ability to maintain high
signal integrity with high-resolution data converters in
noise critical systems. With a small SOT-23 package,
REF34xx offers enhanced specifications and pin-to-
pin replacement for MAX607x, ADR34xx and LT1790
(REF34xxT, no EN pin). The REF34xx family is
compatible to most of the ADC and DAC such as
ADS1287, DAC8802 and ADS1112.
Stability and system reliability are further improved
by the low output-voltage hysteresis of the device
and low long-term output voltage drift. Furthermore,
the small size and low operating current of the
devices (95 μA) benefit portable and battery-powered
applications.
REF34xx is specified for the wide temperature range
of −40°C to +125°C.
Device Information
PART NAME
PACKAGE (1)
BODY SIZE (NOM)
REF34xx
REF34xxT
SOT-23 (6)
2.90 mm × 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet
10
10
Input Signal
124
1 nF
ADS1287
VIN
REF
CIN
1µF
COUT
10 µF
-
+
REF34xx
Copyright © 2017, Texas Instruments Incorporated
Simplified Schematic
Load Current (mA)
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
5
10
0
25°C
125°C
-40°C
Dropout vs. Current Load Over Temperature
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF3440

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3440 TI1-REF3440 Datasheet
1Mb / 26P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3440 TI1-REF3440 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3440 TI1-REF3440 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3440 TI1-REF3440 Datasheet
1Mb / 29P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3440 TI1-REF3440 Datasheet
1Mb / 27P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
More results

Similar Description - REF3440

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3425 TI1-REF3425 Datasheet
1Mb / 25P
REF3425 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI1-REF3425_17 Datasheet
1Mb / 26P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI1-REF3425_18 Datasheet
1Mb / 26P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425-EP TI1-REF3425-EP Datasheet
1Mb / 27P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425-EP TI1-REF3425-EP_19 Datasheet
1Mb / 28P
low-drift, low-power, small-footprint series voltage reference
REF4132 TI1-REF4132 Datasheet
1Mb / 25P
REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF4132 TI1-REF4132_V01 Datasheet
1Mb / 26P
REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF4132-Q1 TI1-REF4132-Q1_V01 Datasheet
1Mb / 24P
REF4132-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI-REF3425_V01 Datasheet
2Mb / 29P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425 TI-REF3425_V03 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com