Electronic Components Datasheet Search
  English  ▼

X  

REF3440 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # REF3440
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3440 Datasheet(HTML) 24 Page - Texas Instruments

Back Button REF3440 Datasheet HTML 20Page - Texas Instruments REF3440 Datasheet HTML 21Page - Texas Instruments REF3440 Datasheet HTML 22Page - Texas Instruments REF3440 Datasheet HTML 23Page - Texas Instruments REF3440 Datasheet HTML 24Page - Texas Instruments REF3440 Datasheet HTML 25Page - Texas Instruments REF3440 Datasheet HTML 26Page - Texas Instruments REF3440 Datasheet HTML 27Page - Texas Instruments REF3440 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Jul-2021
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PREF3450TQDBVR
ACTIVE
SOT-23
DBV
6
3000
Non-RoHS &
Non-Green
Call TI
Call TI
-40 to 125
REF3425IDBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAU
Level-2-250C-1 YEAR
-40 to 125
19ED
REF3425TIDBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
2EVC
REF3430IDBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1H6D
REF3430TIDBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
2EUC
REF3433IDBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1H5D
REF3440IDBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1MJD
REF3440TIDBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
2ESC
REF3450IDBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1MKD
REF3450TIDBVR
ACTIVE
SOT-23
DBV
6
3000
RoHS & Green
NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
2ERC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com