Electronic Components Datasheet Search
  English  ▼

X  

ACE1H004B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE1H004B
Description  40V Complementary Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1H004B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE1H004B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1H004B Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACE1H004B
40V Complementary Enhancement Mode MOSFET
VER 1.2
3
N-Channel Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V
(BR)DSS
V
GS = 0V, ID= 250μA
40
V
Zero Gate Voltage Drain Current
I
DSS
V
DS = 40V, VGS = 0V
1
μA
Gate Threshold Voltage
V
GS(TH)
V
GS = VDS, IDS= 250μA
1
1.7
3
V
Gate Leakage Current
I
GSS
VGS=±20V, VDS=0V
±100
nA
Drain-Source On-state
Resistance
R
DS(on)
V
GS = 10V, ID = 8A
15
20
mΩ
V
GS = 4.5V, ID = 6A
18.6
24
Diode Forward Voltage
V
SD
ISD= 1A , VGS=0V
0.7
1.2
V
Diode Forward Current*AB
IS
TA =25°C
2.8
A
Switching
Total Gate Charge
Q
g
VGS=10V,VDS=20V,
ID=6A
20.5
nC
Gate-Source Charge
Q
gs
3.5
Gate-Drain Charge
Q
gd
4
Turn-on Delay Time
t
d ( on )
VDD=20V,ID=6V,
VGS=10V, RGEN=3
Ω
14
ns
Turn-on Rise Time
tr
10
Turn-off Delay Time
t
d( off )
17
Turn-Off Fall Time
tf
18
Reverse Recovery Time
trr
ISD= 6A, dlSD
/dt = 100 A/μs
8
ns
Reverse Recovery Charge
Qrr
3
nC
Dynamic
Input Capacitance
Ciss
VDS=20V,VGS=0V,
f=1.0MHz
1050
pF
Output Capacitance
Coss
155
Reverse Transfer Capacitance
Crss
95
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B
: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com