Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS594DYYR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS594DYYR
Description  SN74HCS594 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS594DYYR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74HCS594DYYR Datasheet HTML 9Page - Texas Instruments SN74HCS594DYYR Datasheet HTML 10Page - Texas Instruments SN74HCS594DYYR Datasheet HTML 11Page - Texas Instruments SN74HCS594DYYR Datasheet HTML 12Page - Texas Instruments SN74HCS594DYYR Datasheet HTML 13Page - Texas Instruments SN74HCS594DYYR Datasheet HTML 14Page - Texas Instruments SN74HCS594DYYR Datasheet HTML 15Page - Texas Instruments SN74HCS594DYYR Datasheet HTML 16Page - Texas Instruments SN74HCS594DYYR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
In this application, the SN74HCS594 is used to control seven-segment displays. Utilizing the serial output and
combining a few of the input signals, this implementation reduces the number of I/O pins required to control the
displays from sixteen to four. Unlike other I/O expanders, the SN74HCS594 does not need a communication
interface for control. It can be easily operated with simple GPIO pins.
There is no practical limitation to how many SN74HCS594 devices can be cascaded. To add more, the
serial output will need to be connected to the following serial input and the clocks will need to be connected
accordingly. With separate control for the shift registers and output registers, the desired digit can be displayed
while the data for the next digit is loaded into the shift register.
At power-up, the initial state of the shift registers and output registers are unknown. To give them a defined state,
both registers need to be cleared. An RC can be connected to the SRCLR and RCLR pins as shown in the
Typical application block diagram to initialize the shift and output registers to all zeros.
www.ti.com
SN74HCS594
SCLS839A – OCTOBER 2020 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74HCS594



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com