Electronic Components Datasheet Search
  English  ▼

X  

R6S-DC4A/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R6S-DC4A/Q
Description  Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6S-DC4A/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R6S-DC4A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R6S-DC4A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R6S-DC4A/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R6S-DC4A
R6S-DC4A SPECIFICATIONS
ES-7781-BD Rev.0 Page 3/3
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
5
INTERNAL
BUS
INTERNAL
POWER
Communication
Circuit
Output Circuit
POWER LED
4
8
2
3
6
7
Control
Circuit
STATUS
LED
DISCRETE OUTPUT
STATUS LED
ROTARY SW
DIP SW
5
1
2
+24V
+24V
Do1
7 Do4
8 0V
4 0V
+24V
+24V
0V
0V
Do1
Do2
Do3
Do4
■ Output Circuit
Control
Circuit
+
–
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com