Electronic Components Datasheet Search
  English  ▼

X  

R6S-DC4A/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R6S-DC4A/Q
Description  Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6S-DC4A/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R6S-DC4A/Q Datasheet HTML 1Page - M-System Co.,Ltd. R6S-DC4A/Q Datasheet HTML 2Page - M-System Co.,Ltd. R6S-DC4A/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R6S-DC4A
R6S-DC4A SPECIFICATIONS
ES-7781-BD Rev.0 Page 1/3
http://www.m-system.co.jp/
Remote I/O R6 Series
NPN TRANSISTOR OUTPUT MODULE, 4 points
(NPN, Tension clamp)
Functions & Features
• 4-channel discrete output, compact size remote I/O
module
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: R6S–DC4A[1]
ORDERING INFORMATION
• Code number: R6S-DC4A[1]
Specify a code from below for [1].
(e.g. R6S-DC4A/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R6CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R6S-BS)
Output: Tension clamp
(Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Internal power: Via the Installation Base (model: R6S-BS)
Housing material: Flame-resistant resin (black)
Isolation: Output to internal bus or internal power
Module address: Selectable with DIP and rotary switches on
the side
Output at the loss of communication: Selectable with the
side DIP SW
Configuration mode: With DIP switches on the side panel
Power indicator: Green LED; Refer to the istruction manual
for details.
Status indicator: Bi-color (red/green) LED;
Refer to the instruction manual for details.
Discrete output status indicators: Red LED;
Refer to the instruction manual for details.
OUTPUT
Common: Negative common (NPN) per 4 points
Number of I/O: Output, 4 points
Maximum outputs applicable at once: No limit (at 24 V DC)
Rated load voltage: 24 V DC ±10 %
Rated output current: 0.25 A per point, 2.0 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 1.5 msec.
(When driving an inductive load, connect a diode in parallel
with the load.)
INSTALLATION
Current consumption: 20 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R6S-BS)
Weight: 60 g (2.1 oz)
PERFORMANCE
Data allocation: 1
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500V AC @1 minute
(output to internal bus or internal power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive


Similar Part No. - R6S-DC4A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6S-DC4B MSYSTEM-R6S-DC4B Datasheet
145Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
R6S-DC4B/Q MSYSTEM-R6S-DC4B/Q Datasheet
145Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
More results

Similar Description - R6S-DC4A/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-DC4B MSYSTEM-R6D-DC4B Datasheet
123Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
R6D-DC4A MSYSTEM-R6D-DC4A Datasheet
122Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6D-DA4 MSYSTEM-R6D-DA4 Datasheet
122Kb / 3P
Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
R6N-DA4 MSYSTEM-R6N-DA4 Datasheet
135Kb / 3P
Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
R6N-DC4A MSYSTEM-R6N-DC4A Datasheet
135Kb / 3P
Remote I/O R6 Series NPN TRANSISTOR OUTPUT MODULE, 4 points
R6N-DC4B MSYSTEM-R6N-DC4B Datasheet
136Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
R6S-DA4 MSYSTEM-R6S-DA4 Datasheet
144Kb / 3P
Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
R6S-DC4B MSYSTEM-R6S-DC4B Datasheet
145Kb / 3P
Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
R8-DCT16A2 MSYSTEM-R8-DCT16A2 Datasheet
245Kb / 5P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALH MSYSTEM-R8-DCM16ALH Datasheet
222Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com