Electronic Components Datasheet Search
  English  ▼

X  

UPD16498 Datasheet(PDF) 13 Page - NEC

Part # UPD16498
Description  1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16498 Datasheet(HTML) 13 Page - NEC

Back Button UPD16498 Datasheet HTML 9Page - NEC UPD16498 Datasheet HTML 10Page - NEC UPD16498 Datasheet HTML 11Page - NEC UPD16498 Datasheet HTML 12Page - NEC UPD16498 Datasheet HTML 13Page - NEC UPD16498 Datasheet HTML 14Page - NEC UPD16498 Datasheet HTML 15Page - NEC UPD16498 Datasheet HTML 16Page - NEC UPD16498 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
Data Sheet S15730EJ2V0DS
13
µµµµPD16498
3.3
Driver-Related Pins
Symbol
Name
Pad No.
I/O
Description
SEG1 to
SEG128
Segment
414 to 287
Output
Segment output pins
COM1 to
COM128
Common
216 to 247, 253 to 284,
417 to 448, 454 to 485
Output
Common output pins
PSEG1 to
PSEG20
Static segment
3, 4, 6 to 9, 11 to 14,
16 to 19, 21 to 24, 26,
27, 184, 185,
187 to 190, 192 to 195,
197 to 200, 202 to 205,
207, 208
Output
Segment output pins for static icon
PCOM1,
PCOM2
Static common
214, 215,
486, 487
Output
Common output pins for static icon
(Same driver waveform is output from two pins.)
VRS
Op amp input pin
for regulating the
driving voltage of
the LCD
29, 30
Input
VRS is an op amp input pin for regulating the driving voltage of the
LCD. This is a reference voltage input for the LCD voltage
regulation amplifier.
When using the internal drive circuit (i.e., when OP1 = 1), we
recommend inserting a 0.1 to 1
µF capacitor between this pin and
GND.
VR
Input pin for the op
amp's feedback
connection
35, 36
Input
VR is an input for the op amp's feedback connection. Insert this
pin between GND and AMPOUT when using the feedback resistor
for this input.
This pin is valid only when not using an internal resistor for VLCD
voltage regulation (i.e., when IRS = L). This pin cannot be used
when using the internal resistor for VLCD voltage regulation (i.e.,
when IRS = H).
AMPOUT
33, 34
AMPOUTP
Op amp output
31, 32
Output
These are op amp output pins for regulating the driving voltage of
the LCD. When not using an internal resistor for VLCD voltage
regulation (i.e., when IRS = L), these outputs are connected to the
LCD drive voltage regulation resistor (see 5.6.2 Voltage regulator).
We recommend inserting a 0.01 to 0.1
µF capacitor between
these pins in order to stabilize the internal op amp's output.
DUMMY
Dummy pin
1, 2, 5, 10, 15, 20, 25,
134, 139, 144, 149,
154, 163, 186, 191,
196, 201, 206,
209 to 213, 248 to 252,
415, 416, 449 to 453,
488, 489
−
Dummy pin.
These pins are not connected inside IC. Usually, leave these pins
open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com