Electronic Components Datasheet Search
  English  ▼

X  

RCECISO Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RCECISO
Description  Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCECISO Datasheet(HTML) 4 Page - Vishay Siliconix

  RCECISO Datasheet HTML 1Page - Vishay Siliconix RCECISO Datasheet HTML 2Page - Vishay Siliconix RCECISO Datasheet HTML 3Page - Vishay Siliconix RCECISO Datasheet HTML 4Page - Vishay Siliconix RCECISO Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RCEC ISO
www.vishay.com
Vishay MCB
Revision: 24-Apr-2020
4
Document Number: 32506
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GLOBAL PART NUMBER INFORMATION
R
C
E
C
I
S
0
V
S
1
0R
0K
B
12
3
4
5
6
12
34
56
GLOBAL
MODEL
LEAD
OHMIC VALUE
TOLERANCE
PACKAGING
INDUSTRIALIZATION
NUMBER
RCEC ISO
Screws simple = VS
Screws double = VD
Screws triple = VT
Faston simple = FS
Faston double = FD
Faston triple = FT
The first three digits
are significant
figures and the last
specifies the
number of zeros to
follow, R designates
decimal point.
4702 = 47 k
Ω
56R0 = 56
Ω
In case of double or
triple value =>
value = sum of the
2 or 3 value
J = 5 %
K = 10 %
B = box
3 specific digits
(if applicable)
EXAMPLES
MODEL
DESCRIPTION
PART NUMBER
RCEC ISO
RCEC ISO VS 10U 10 % BO5
RCECISOVS10R0KB
RCEC ISO
RCEC ISO FD MP 8K2 10 % 8K2 10 % 921 BO5
RCECISOFD1642KB921
RCEC ISO
RCEC ISO FS 15U 10 % 994 BO5
RCECISOFS15R0KB994



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com