Electronic Components Datasheet Search
  English  ▼

X  

RCECISO Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCECISO
Description  Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCECISO Datasheet(HTML) 1 Page - Vishay Siliconix

  RCECISO Datasheet HTML 1Page - Vishay Siliconix RCECISO Datasheet HTML 2Page - Vishay Siliconix RCECISO Datasheet HTML 3Page - Vishay Siliconix RCECISO Datasheet HTML 4Page - Vishay Siliconix RCECISO Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RCEC ISO
www.vishay.com
Vishay MCB
Revision: 24-Apr-2020
1
Document Number: 32506
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied)
Thick Film Technology
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Cold system without external radiation
• High power / volume ratio
•Non-inductive
• Screw-on or fast-on outputs
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) On request
333
DDD3 D
3D Models
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE RANGE
Ω
MAX. RATED POWER
P60 °C
W
TOLERANCE
± %
TEMPERATURE COEFFICIENT
± ppm/°C
E-SERIES
OHMIC
VALUES
RCEC ISO
0.33 to 1M
100
10, 5 (1)
250 (typical)
E 24
MECHANICAL SPECIFICATIONS
UL 94 flame classifications
Material comply with the standard UL 94 V-0
Resistive element
Cermet
Substrate
Alumina
Encapsulation
Resin filled case
TECHNICAL SPECIFICATIONS
PARAMETER
RCEC ISO
Nominal power rating at 115 °C
25 W
Maximum power rating at 100 °C
50 W
Operating temperature range
-40 °C to +125 °C
Maximum operating voltage
1500 V
Dielectric strength VRMS (50 Hz / 1 min)
2500 V
Creepage distance
10 mm
Clearance distance
5.5 mm
Capacitance: ground
36 pF
Capacitance: parallel
12 pF
Partial discharge
On request
Inductance
≤ 50 nH
Insulation resistance
105 M
Ω at 500 VCC
Weight (max.)
20 g


Similar Part No. - RCECISO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCEC-850 VISHAY-RCEC-850 Datasheet
206Kb / 6P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
08-Feb-2021
RCEC400 VISHAY-RCEC400 Datasheet
104Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
18-Sep-14
RCEC400BS VISHAY-RCEC400BS Datasheet
137Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
05-Jul-2019
RCEC400BS2R70JB VISHAY-RCEC400BS2R70JB Datasheet
137Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
05-Jul-2019
RCEC400BS2R70KB VISHAY-RCEC400BS2R70KB Datasheet
137Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
05-Jul-2019
More results

Similar Description - RCECISO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTOP VISHAY-RTOP Datasheet
462Kb / 4P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
14-Jan-04
RTO20 VISHAY-RTO20 Datasheet
97Kb / 4P
Power Resistors Thick Film Technology
05-Jun-07
RCEC400 VISHAY-RCEC400 Datasheet
104Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
18-Sep-14
RTOP VISHAY-RTOP_15 Datasheet
156Kb / 6P
Power Resistors for Mounting onto a Heatsink Thick Film Technology
09-Nov-15
RCMW650 VISHAY-RCMW650 Datasheet
194Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
12-May-2021
RCMC VISHAY-RCMC Datasheet
139Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Metal Technology
16-Mar-2020
RCEC-850 VISHAY-RCEC-850 Datasheet
206Kb / 6P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
08-Feb-2021
RCEC750 VISHAY-RCEC750 Datasheet
148Kb / 6P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
24-Apr-2020
RCEC500 VISHAY-RCEC500 Datasheet
646Kb / 6P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
09-Sep-2019
RCEC400BS VISHAY-RCEC400BS Datasheet
137Kb / 5P
Power Resistors Cooled by Auxiliary Heatsink (Not Supplied) Thick Film Technology
05-Jul-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com