Electronic Components Datasheet Search
  English  ▼

X  

UPD16635 Datasheet(PDF) 6 Page - NEC

Part # UPD16635
Description  240-OUTPUT TFT-LCD SOURCE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16635 Datasheet(HTML) 6 Page - NEC

Back Button UPD16635 Datasheet HTML 2Page - NEC UPD16635 Datasheet HTML 3Page - NEC UPD16635 Datasheet HTML 4Page - NEC UPD16635 Datasheet HTML 5Page - NEC UPD16635 Datasheet HTML 6Page - NEC UPD16635 Datasheet HTML 7Page - NEC UPD16635 Datasheet HTML 8Page - NEC UPD16635 Datasheet HTML 9Page - NEC UPD16635 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
µPD16635
6
5.
RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE
This product incorporates a 6-bit D/A converter whose odd output pins and even output pins output
respectively gray scale voltages of differing polarity with respect to the LCD’s counter electrode (common
electrode) voltage. The D/A converter consists of ladder resistors and switches. The ladder resistors r0 to r62
are so designed that the ratios between the LCD panel’s
γ -corrected voltages and V0’ to V63’ and V0” to V63” are
roughly equal; and their respective resistance values are as shown on page 9. Among the 5-by-2
γ -corrected
voltages, input gray scale voltages of the same polarity with respect to the common voltage, for the respective
five
γ -corrected voltages of V0 to V4 and V5 to V9. If fine gray scale voltage precision is not necessary, the voltage
follower circuit supplied to the
γ -corrected power supplies V1 to V3 and V6 to V8 can be deleted.
Figure 1 shows the relationship between the driving voltages such as liquid-crystal driving voltages VDD2 and
VSS2, common electrode potential VCOM, and
γ -corrected voltages V0 to V9 and the input data. Be sure to maintain
the voltage relationships of VDD2 > V0 > V1 > V2 > V3 > V4 > V5 > V6 > V7 > V8 > V9 > VSS2. Figures 2-1 and 2-
2 show the relationship between the input data and the output data. Table 1 shows the resistance values of
the resistor strings.
This driver IC is designed for single-sided dot inversion mounting. Therefore, it cannot be used in double-
sided mounting.
Figure 1. Relationship Between Input Data and Output Voltage
VDD2
0.2 V
V1
V2
V3
V4
VCOM
V5
V6
V7
V8
0.2 V
VSS2
00
08
10
18
20
28
30
38
3F
Input data (HEX)
8
24
24
7
7
24
24
8
Split interval
V0
V9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com