Electronic Components Datasheet Search
  English  ▼

X  

UPD16635 Datasheet(PDF) 16 Page - NEC

Part # UPD16635
Description  240-OUTPUT TFT-LCD SOURCE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16635 Datasheet(HTML) 16 Page - NEC

Back Button UPD16635 Datasheet HTML 11Page - NEC UPD16635 Datasheet HTML 12Page - NEC UPD16635 Datasheet HTML 13Page - NEC UPD16635 Datasheet HTML 14Page - NEC UPD16635 Datasheet HTML 15Page - NEC UPD16635 Datasheet HTML 16Page - NEC UPD16635 Datasheet HTML 17Page - NEC UPD16635 Datasheet HTML 18Page - NEC UPD16635 Datasheet HTML 19Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
µPD16635
16
RECOMMENDED CONDITIONS FOR INSTALLATION
This product should be installed under the following recommended conditions. Consult one of our sales
representatives for installation under conditions other than those recommended.
Installation
Installation method
Condition
condition
Thermocom-
Soldering
Heat with heating tool at 300
°C to 350 °C under pressure of
pression bonding
100 g (per pin) for 2 to 3 seconds
ACF (sheet-type adhesive agent)
Temporary adhesion at 70
°C to 100 °C under pressure of 3 to
8 kg/cm2 for 3 to 5 seconds
Permanent adhesion at 165
°C to 180 °C under pressure of 25
to 45 kg/cm2 for 30 to 40 seconds
(when aeolotropic conductive film SUMIZAC1003 from Sumitomo
Bakelite Co., Ltd. is used)
Caution
For installation conditions for the ACF part, contact the ACF manufacturer beforehand. Do not
mix different installation methods.
REFERENCE
Document name
Document No.
NEC semiconductor device reliability/quality control system
IEI-1212
Quality grade on NEC semiconductor devices
C11531E
Semiconductor device package manual
IEI-1213
Guide to quality assurance for semiconductor devices
MEI-1202
Semiconductor selection guide
X10679E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com