Electronic Components Datasheet Search
  English  ▼

X  

M62437FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M62437FP
Description  SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62437FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M62437FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M62437FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Regarding to the other Application Circuit
R16(R13),R17(R14),R18(R15)
C10
0.22µ
8
9
10
35
R16
R17
R18
FOCUS position "H"
FOCUS position "L"
1. The setting of the FOCUS position "H"
R16 +R17 + R18
R17 + R18
2. The setting of the FOCUS position "L"
R16 +R17 + R18
R18
(Example)
MITSUBISHI
ELECTRIC
(7/12)
The resisters of R16(R13),R17(R14),R18(R15) can be set the
FOCUS position(LF Elevation).
*This figure shows only the side channel.
FOCUS Position "H"
H
Switch(22Pin)
FOCUS ON/OFF
FOCUS Position "L"
(LF Elevation)
(LF Elevation)
L
H
H
Switch(20Pin)
FOCUS Position H/L
(SwithSetting)
FOCUS position "H"= 60%
FOCUS position "L"= 40%
In the case of R16 = 390
Ω,R17 = 200Ω,R18 = 390Ω
.
.
.
.
*please keep the following formula.
R16+R17+R18 = 1K
Ω
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com